Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFPF60SA60DS Datasheet (PDF) - Fairchild Semiconductor

FFPF60SA60DS Datasheet PDF - Fairchild Semiconductor
Part # FFPF60SA60DS
Download  FFPF60SA60DS Download

File Size   3297.36 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 6 A, 600 V, STEALTH Dual Diode

FFPF60SA60DS Datasheet (PDF)

Go To PDF Page Download Datasheet
FFPF60SA60DS Datasheet PDF - Fairchild Semiconductor

Part # FFPF60SA60DS
Download  FFPF60SA60DS Click to download

File Size   3297.36 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 6 A, 600 V, STEALTH Dual Diode

FFPF60SA60DS Datasheet (HTML) - Fairchild Semiconductor

FFPF60SA60DS Datasheet HTML 1Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 2Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 3Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 4Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 5Page - Fairchild Semiconductor



Similar Part No. - FFPF60SA60DS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   Stealth Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   StealthTM Rectifier
logo
Thinki Semiconductor Co...
FFPF60SA60DS THINKISEMI-FFPF60SA60DS Datasheet
3Mb / 3P
   16Amperes,600Volts Insulated Dual Series Connection Ultra Fast Soft Recovery Rectifiers
FFPF60SA60DSTU THINKISEMI-FFPF60SA60DSTU Datasheet
3Mb / 3P
   16Amperes,600Volts Insulated Dual Series Connection Ultra Fast Soft Recovery Rectifiers
More results


Similar Description - FFPF60SA60DS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFH50US60S-F085 ONSEMI-FFH50US60S-F085 Datasheet
4Mb / 6P
   STEALTH Diode 50 A, 600 V
March, 2020 - Rev. 4
ISL9R460PF2 ONSEMI-ISL9R460PF2 Datasheet
222Kb / 7P
   4 A, 600 V, STEALTH Diode
March, 2019 - Rev. 3
FFD08S60S-F085 ONSEMI-FFD08S60S-F085 Datasheet
410Kb / 5P
   Rectifier – STEALTH II 8 A, 600 V
January, 2021 - Rev. 4
logo
Power Integrations, Inc...
LXA06T600 POWERINT-LXA06T600_V01 Datasheet
315Kb / 8P
   600 V, 6 A X-Series PFC Diode
November 2013
LXA06T600 POWERINT-LXA06T600 Datasheet
244Kb / 8P
   600 V, 6 A X-Series PFC Diode
logo
Fairchild Semiconductor
ISL9K1560G3 FAIRCHILD-ISL9K1560G3 Datasheet
146Kb / 6P
   15A, 600V Stealth??Dual Diode
ISL9K18120G3 FAIRCHILD-ISL9K18120G3 Datasheet
147Kb / 6P
   18A, 1200V Stealth??Dual Diode
ISL9K8120P3 FAIRCHILD-ISL9K8120P3 Datasheet
140Kb / 6P
   8A, 1200V Stealth??Dual Diode
ISL9K860P3 FAIRCHILD-ISL9K860P3 Datasheet
144Kb / 6P
   8A, 600V Stealth??Dual Diode
ISL9K30120G3 FAIRCHILD-ISL9K30120G3 Datasheet
145Kb / 6P
   30A, 1200V Stealth??Dual Diode
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com