Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF9N90CT Datasheet (PDF) - Fairchild Semiconductor

FQPF9N90CT Datasheet PDF - Fairchild Semiconductor
Part # FQPF9N90CT
Download  FQPF9N90CT Download

File Size   1127.42 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm

FQPF9N90CT Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF9N90CT Datasheet PDF - Fairchild Semiconductor

Part # FQPF9N90CT
Download  FQPF9N90CT Click to download

File Size   1127.42 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm

FQPF9N90CT Datasheet (HTML) - Fairchild Semiconductor

FQPF9N90CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 8Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 9Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 10Page - Fairchild Semiconductor



Similar Part No. - FQPF9N90CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF9N90C FAIRCHILD-FQPF9N90C Datasheet
842Kb / 10P
   900V N-Channel MOSFET
logo
Thinki Semiconductor Co...
FQPF9N90C THINKISEMI-FQPF9N90C Datasheet
1Mb / 8P
   ThinkiSemi 8.0A,900V Planar N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
FQPF9N90C ISC-FQPF9N90C Datasheet
276Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FQPF9N90CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FQA9N90C-F109 ONSEMI-FQA9N90C-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
December-2017, Rev 3
logo
Fairchild Semiconductor
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
   FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
logo
ON Semiconductor
FQA9N90-F109 ONSEMI-FQA9N90-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 8.6 A, 1.3 Ω
September-2017, Rev. 3
logo
Fairchild Semiconductor
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
FQN1N50CTA FAIRCHILD-FQN1N50CTA Datasheet
3Mb / 8P
   N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
FQT1N60CTF-WS FAIRCHILD-FQT1N60CTF-WS Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
logo
MagnaChip Semiconductor...
MDF5N50 MGCHIP-MDF5N50 Datasheet
1,012Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP5N50 MGCHIP-MDP5N50 Datasheet
981Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com