Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC86160 Datasheet (PDF) - Fairchild Semiconductor

FDMC86160 Datasheet PDF - Fairchild Semiconductor
Part # FDMC86160
Download  FDMC86160 Download

File Size   279.71 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power Trench MOSFET 100 V, 43 A, 14 m Ohm

FDMC86160 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMC86160 Datasheet PDF - Fairchild Semiconductor

Part # FDMC86160
Download  FDMC86160 Click to download

File Size   279.71 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power Trench MOSFET 100 V, 43 A, 14 m Ohm

FDMC86160 Datasheet (HTML) - Fairchild Semiconductor

FDMC86160 Datasheet HTML 1Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 2Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 3Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 4Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 5Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 6Page - Fairchild Semiconductor FDMC86160 Datasheet HTML 7Page - Fairchild Semiconductor



Similar Part No. - FDMC86160

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
FDMC86160 LEIDITECH-FDMC86160 Datasheet
1Mb / 6P
   Enhancement Mode Field Effect Transistor N-Channel
Rev 2.0 : 12.01.2019
More results


Similar Description - FDMC86160

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMYS016N10MCL ONSEMI-NVMYS016N10MCL Datasheet
228Kb / 6P
   MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1
NTB6411AN ONSEMI-NTB6411AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 72 A, 14 m廓
October, 2009 ??Rev. 0
NVMFS016N10MCL ONSEMI-NVMFS016N10MCL Datasheet
152Kb / 8P
   MOSFET ??Power, Single N-Channel 100 V, 14 m, 46 A
September, 2021-Rev. 1
NVMFS6H852N ONSEMI-NVMFS6H852N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel 80 V, 14.2 m, 43 A
June, 2020 ??Rev. 2
NTMFS6H852N ONSEMI-NTMFS6H852N Datasheet
187Kb / 7P
   MOSFET - Power, Single N-Channel 80 V, 14.2 m, 43 A
June,2020-Rev. 2
NVTYS010N04CL ONSEMI-NVTYS010N04CL Datasheet
332Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 9.5 m, 43 A
April, 2021 ??Rev. 1
HUF75645P3 ONSEMI-HUF75645P3 Datasheet
465Kb / 11P
   N-Channel UltraFET Power MOSFET 100 V, 75 A, 14 m廓
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDMC86116LZ FAIRCHILD-FDMC86116LZ Datasheet
347Kb / 7P
   N-Channel Power Trench MOSFET 100 V, 7.5 A, 103 m廓
FDD850N10L FAIRCHILD-FDD850N10L Datasheet
316Kb / 8P
   N-Channel PowerTrench MOSFET 100 V, 15.7 A, 75 m Ohm
FDT86106LZ FAIRCHILD-FDT86106LZ Datasheet
360Kb / 6P
   N-Channel PowerTrench MOSFET 100 V, 3.2 A, 108 m Ohm
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com