Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGT1N40N60A4D Datasheet (PDF) - Fairchild Semiconductor

HGT1N40N60A4D Datasheet PDF - Fairchild Semiconductor
Part # HGT1N40N60A4D
Download  HGT1N40N60A4D Download

File Size   152.32 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGT1N40N60A4D Datasheet (PDF)

Go To PDF Page Download Datasheet
HGT1N40N60A4D Datasheet PDF - Fairchild Semiconductor

Part # HGT1N40N60A4D
Download  HGT1N40N60A4D Click to download

File Size   152.32 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGT1N40N60A4D Datasheet (HTML) - Fairchild Semiconductor

HGT1N40N60A4D Datasheet HTML 1Page - Fairchild Semiconductor HGT1N40N60A4D Datasheet HTML 2Page - Fairchild Semiconductor HGT1N40N60A4D Datasheet HTML 3Page - Fairchild Semiconductor HGT1N40N60A4D Datasheet HTML 4Page - Fairchild Semiconductor HGT1N40N60A4D Datasheet HTML 5Page - Fairchild Semiconductor HGT1N40N60A4D Datasheet HTML 6Page - Fairchild Semiconductor HGT1N40N60A4D Datasheet HTML 7Page - Fairchild Semiconductor HGT1N40N60A4D Datasheet HTML 8Page - Fairchild Semiconductor HGT1N40N60A4D Datasheet HTML 9Page - Fairchild Semiconductor HGT1N40N60A4D Datasheet HTML 10Page - Fairchild Semiconductor

HGT1N40N60A4D Product details

The HGT1N40N60A4D is a MOS gated high voltage switching device combining the best features of a MOSFET and a bipolar transistor. These devices have the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage

drop varies only moderately between 25°C and 150°C. This IGBT is ideal for many high voltage switching applications operating at high frequencies where low conduction losses are essential. This device has been optimized for high frequency switch mode power supplies.



Features

• 100kHz Operation At 390V, 22A

• 600V Switching SOA Capability

• Typical Fall Time . . . . . . . . . . . . . . . . .  55ns at TJ= 125°C

• Low Conduction Loss



 




Similar Part No. - HGT1N40N60A4D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Similar Description - HGT1N40N60A4D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com