Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5220BNZ50 Datasheet (PDF) - Analog Devices

AD5220BNZ50 Datasheet PDF - Analog Devices
Part # AD5220BNZ50
Download  AD5220BNZ50 Download

File Size   679.56 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Increment/Decrement Digital Potentiometer

AD5220BNZ50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5220BNZ50 Datasheet PDF - Analog Devices

Part # AD5220BNZ50
Download  AD5220BNZ50 Click to download

File Size   679.56 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Increment/Decrement Digital Potentiometer

AD5220BNZ50 Datasheet (HTML) - Analog Devices

Back Button AD5220BNZ50 Datasheet HTML 1Page - Analog Devices AD5220BNZ50 Datasheet HTML 2Page - Analog Devices AD5220BNZ50 Datasheet HTML 3Page - Analog Devices AD5220BNZ50 Datasheet HTML 4Page - Analog Devices AD5220BNZ50 Datasheet HTML 5Page - Analog Devices AD5220BNZ50 Datasheet HTML 6Page - Analog Devices AD5220BNZ50 Datasheet HTML 7Page - Analog Devices AD5220BNZ50 Datasheet HTML 8Page - Analog Devices AD5220BNZ50 Datasheet HTML 9Page - Analog Devices AD5220BNZ50 Datasheet HTML 10Page - Analog Devices Next Button 

AD5220BNZ50 Product details

GENERAL DESCRIPTION
The AD5220 provides a single channel, 128-position digitally controlled variable resistor (VR) device. This device performs the same electronic adjustment function as a potentiometer or variable resistor. These products were optimized for instrument and test equipment push-button applications. A choice between bandwidth or power dissipation are available as a result of the wide selection of end-to-end terminal resistance values.

FEATURES
   128 Position
   Potentiometer Replacement
   10 kΩ, 50 kΩ, 100 kΩ
   Very Low Power: 40 μA Max
   Increment/Decrement Count Control
   Qualified for automotive applications

APPLICATIONS
   Mechanical Potentiometer Replacement
   Remote Incremental Adjustment Applications
   Instrumentation: Gain, Offset Adjustment
   Programmable Voltage-to-Current Conversion
   Programmable Filters, Delays, Time Constants
   Line Impedance Matching
   Power Supply Adjustment




Similar Part No. - AD5220BNZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
More results


Similar Description - AD5220BNZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220 AD-AD5220 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5222 AD-AD5222 Datasheet
173Kb / 10P
   Increment/Decrement Dual Digital Potentiometer
REV. 0
AD5220 AD-AD5220_15 Datasheet
679Kb / 11P
   Increment Decrement Digital Potentionmeter
REV. A
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
   16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
   Digital Potentiometer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com