Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP20N35G3VL Datasheet (PDF) - Fairchild Semiconductor

HGTP20N35G3VL Datasheet PDF - Fairchild Semiconductor
Part # HGTP20N35G3VL
Download  HGTP20N35G3VL Download

File Size   209.48 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs

HGTP20N35G3VL Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTP20N35G3VL Datasheet PDF - Fairchild Semiconductor

Part # HGTP20N35G3VL
Download  HGTP20N35G3VL Click to download

File Size   209.48 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs

HGTP20N35G3VL Datasheet (HTML) - Fairchild Semiconductor

HGTP20N35G3VL Datasheet HTML 1Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 2Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 3Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 4Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 5Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 6Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 7Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 8Page - Fairchild Semiconductor

HGTP20N35G3VL Product details

Description
This N-Channel IGBT is a MOS gated, logic level device which is intended to be used as an ignition coil driver in automotive ignition circuits. Unique features include an active voltage clamp between the collector and the gate which provides Self Clamped Inductive Switching (SCIS) capability in ignition circuits. Internal diodes provide ESD protection for the logic level gate. Both a series resistor and a shunt resistor are provided in the gate circuit.

Features
• Logic Level Gate Drive
• Internal Voltage Clamp
• ESD Gate Protection
• TJ = 175°C
• Ignition Energy Capable




Similar Part No. - HGTP20N35G3VL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP20N35G3VL INTERSIL-HGTP20N35G3VL Datasheet
106Kb / 6P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
April 1995
More results


Similar Description - HGTP20N35G3VL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP20N35G3VL INTERSIL-HGTP20N35G3VL Datasheet
106Kb / 6P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
April 1995
logo
Fairchild Semiconductor
HGT1S20N36G3VL FAIRCHILD-HGT1S20N36G3VL Datasheet
256Kb / 7P
   20A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
HGTP14N36G3VL FAIRCHILD-HGTP14N36G3VL Datasheet
224Kb / 8P
   14A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
logo
Intersil Corporation
HGTP14N36G3VL INTERSIL-HGTP14N36G3VL Datasheet
110Kb / 6P
   14A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
June 1995
logo
Fairchild Semiconductor
HGT1S14N37G3VLS FAIRCHILD-HGT1S14N37G3VLS Datasheet
159Kb / 6P
   14A, 370V N-Channel, Logic Level, Voltage Clamping IGBTs
HGTP14N41G3VLS FAIRCHILD-HGTP14N41G3VLS Datasheet
193Kb / 6P
   14A, 410V N-Channel, Logic Level, Voltage Clamping IGBTs
logo
Intersil Corporation
HGTP14N40F3VL INTERSIL-HGTP14N40F3VL Datasheet
85Kb / 5P
   14A, 400V N-Channel, Logic Level Voltage Clamping IGBT
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HUF76009P3 INTERSIL-HUF76009P3 Datasheet
243Kb / 11P
   20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com