Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-59R5ALZ Datasheet (PDF) - Analog Devices

AFBR-59R5ALZ Datasheet PDF - Analog Devices
Part # AFBR-59R5ALZ
Download  AFBR-59R5ALZ Download

File Size   651.3 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver

AFBR-59R5ALZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AFBR-59R5ALZ Datasheet PDF - Analog Devices

Part # AFBR-59R5ALZ
Download  AFBR-59R5ALZ Click to download

File Size   651.3 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver

AFBR-59R5ALZ Datasheet (HTML) - Analog Devices

Back Button AFBR-59R5ALZ Datasheet HTML 1Page - Analog Devices AFBR-59R5ALZ Datasheet HTML 2Page - Analog Devices AFBR-59R5ALZ Datasheet HTML 3Page - Analog Devices AFBR-59R5ALZ Datasheet HTML 4Page - Analog Devices AFBR-59R5ALZ Datasheet HTML 5Page - Analog Devices AFBR-59R5ALZ Datasheet HTML 6Page - Analog Devices AFBR-59R5ALZ Datasheet HTML 7Page - Analog Devices AFBR-59R5ALZ Datasheet HTML 8Page - Analog Devices AFBR-59R5ALZ Datasheet HTML 9Page - Analog Devices AFBR-59R5ALZ Datasheet HTML 10Page - Analog Devices Next Button 



Similar Part No. - AFBR-59R5ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59R5LZ AVAGO-AFBR-59R5LZ Datasheet
651Kb / 20P
   Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
logo
Broadcom Corporation.
AFBR-59R5LZ BOARDCOM-AFBR-59R5LZ Datasheet
211Kb / 19P
   SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
AFBR-59R5LZ BOARDCOM-AFBR-59R5LZ Datasheet
204Kb / 20P
   SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59R5LZ AVAGO-AFBR-59R5LZ_15 Datasheet
590Kb / 19P
   RoHS-Compliant Optical Transceiver
More results


Similar Description - AFBR-59R5ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59R5LZ AVAGO-AFBR-59R5LZ Datasheet
651Kb / 20P
   Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
AFBR-57R5APZ AVAGO-AFBR-57R5APZ Datasheet
288Kb / 19P
   Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625 GBd, RoHS Compliant Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ Datasheet
269Kb / 19P
   Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625
logo
Broadcom Corporation.
AFBR-57D7APZ BOARDCOM-AFBR-57D7APZ Datasheet
470Kb / 19P
   Digital Diagnostic SFP, 850 nm, 8.5/4.25/2.125 GBd Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57M5APZ AVAGO-AFBR-57M5APZ Datasheet
286Kb / 19P
   850 nm, 2.125/1.0625 and 1.25 GBd Ethernet, Low Voltage (3.3 V), RoHS Compliant, SFP (Small Form Pluggable), Digital Diagnostic Optical Transceiver
logo
Broadcom Corporation.
AFCT-57D5ATPZ BOARDCOM-AFCT-57D5ATPZ Datasheet
380Kb / 18P
   Digital Diagnostic SFP, 10km, 1310nm DFB, 8.5/4.25/2.125 GBd Fibre Channel RoHS Compliant Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ Datasheet
380Kb / 18P
   Digital Diagnostic SFP, 10km, 1310nm DFB, 8.5/4.25/2.125 GBd Fibre Channel RoHS Compliant Optical Transceiver
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
logo
Finisar Corporation.
FTLF8524E2XNL FINISAR-FTLF8524E2XNL Datasheet
375Kb / 10P
   4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
FTLF8524E2XNV FINISAR-FTLF8524E2XNV Datasheet
245Kb / 10P
   4.25 Gb/s RoHS Compliant Short-Wavelength 2x7 SFF Transceiver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com