Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8231ADI-05 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8231ADI-05 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8231ADI-05
Download  AOZ8231ADI-05 Download

File Size   348.2 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.

AOZ8231ADI-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8231ADI-05 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8231ADI-05
Download  AOZ8231ADI-05 Click to download

File Size   348.2 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.

AOZ8231ADI-05 Datasheet (HTML) - Alpha & Omega Semiconductors

AOZ8231ADI-05 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8231ADI-05 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8231ADI-05 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8231ADI-05 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8231ADI-05 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8231ADI-05 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8231ADI-05 Datasheet HTML 7Page - Alpha & Omega Semiconductors

AOZ8231ADI-05 Product details

General Description
The AOZ8231A is a one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
This device incorporates one TVS diode in an ultra-small DFN 1006 package. It may be used to meet the ESD immunity requirements of EC 61000-4-2, Level 4 (±15kV air, ±8kV contact discharge).

Features
 • ESD protection for high-speed data lines
    AOZ8231ADI-02:
        – Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air), ± 30 kV (contact)
        – Human Body Model (HBM) ± 30 kV
        – IEC 61000-4-5 (Lightning) 6 A (8/20 μS)
        – IEC 61000-4-4 (EFT) 40 A
    AOZ8231ADI-03:
        – Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air), ± 30 kV (contact)
        – Human Body Model (HBM) ± 30 kV
        – IEC 61000-4-5 (Lightning) 6 A (8/20 μS)
        – IEC 61000-4-4 (EFT) 40 A
    AOZ8231ADI-05:
        – Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air), ±30 kV (contact)
        – Human Body Model (HBM) ± 30 kV
        – IEC 61000-4-5 (Lightning) 5 A (8/20 µS)
        – IEC 61000-4-4 (EFT) 40 A
    AOZ8231ADI-08:
        – Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air), ± 30 kV (contact)
        – Human Body Model (HBM) ± 30 kV
        – IEC 61000-4-5 (Lightning) 5 A (8/20 µS)
        – IEC 61000-4-4 (EFT) 40 A
    AOZ8231ADI-12:
        – Exceeds: IEC 61000-4-2 (ESD) ± 30 kV (air), ± 30 kV (contact)
        – Human Body Model (HBM) ± 30 kV
        – IEC 61000-4-5 (Lightning) 4 A (8/20 µS)
        – IEC 61000-4-4 (EFT) 40 A
    AOZ8231ADI-24:
        – Exceeds: IEC 61000-4-2 (ESD) ± 18 kV (air), ± 15 kV (contact)
        – Human Body Model (HBM) ± 15 kV
        – IEC 61000-4-5 (Lightning) 2.5 A (8/20 µS)
        – IEC 61000-4-4 (EFT) 40 A
 • Small package saves board space
 • Low insertion loss
 • Low clamping voltage
 • Low operating voltage
 • Pb-free device

Applications
 • Portable handheld devices
 • Keypads, data lines, buttons
 • Notebook computers
 • Digital Cameras
 • Portable GPS
 • MP3 players




Similar Part No. - AOZ8231ADI-05

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8231ADI-05 AOSMD-AOZ8231ADI-05 Datasheet
320Kb / 5P
   One-line Bi-directional TVS Diode
Rev. 6.0 June 2021
More results


Similar Description - AOZ8231ADI-05

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8212CI-05L AOSMD-AOZ8212CI-05L Datasheet
302Kb / 6P
   two-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
logo
Guangdong Youtai Semico...
ESD5ZXX UMW-ESD5ZXX Datasheet
299Kb / 5P
   The ESD5Zxx Series is designed to protect voltage sensitive components from ESD and transient voltage events.
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD9B5VL WILLSEMI-ESD9B5VL Datasheet
460Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5471XZ WILLSEMI-ESD5471XZ Datasheet
476Kb / 7P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5471Z WILLSEMI-ESD5471Z Datasheet
432Kb / 7P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD56131W WILLSEMI-ESD56131W Datasheet
409Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD56151WXX WILLSEMI-ESD56151WXX Datasheet
538Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD56171D04 WILLSEMI-ESD56171D04 Datasheet
402Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com