Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX384-B2V7 Datasheet (PDF) - NXP Semiconductors

BZX384-B2V7 Datasheet PDF - NXP Semiconductors
Part # BZX384-B2V7
Download  BZX384-B2V7 Download

File Size   690.78 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Voltage regulator diodes

BZX384-B2V7 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX384-B2V7 Datasheet PDF - NXP Semiconductors

Part # BZX384-B2V7
Download  BZX384-B2V7 Click to download

File Size   690.78 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Voltage regulator diodes

BZX384-B2V7 Datasheet (HTML) - NXP Semiconductors

Back Button BZX384-B2V7 Datasheet HTML 1Page - NXP Semiconductors BZX384-B2V7 Datasheet HTML 2Page - NXP Semiconductors BZX384-B2V7 Datasheet HTML 3Page - NXP Semiconductors BZX384-B2V7 Datasheet HTML 4Page - NXP Semiconductors BZX384-B2V7 Datasheet HTML 5Page - NXP Semiconductors BZX384-B2V7 Datasheet HTML 6Page - NXP Semiconductors BZX384-B2V7 Datasheet HTML 7Page - NXP Semiconductors BZX384-B2V7 Datasheet HTML 8Page - NXP Semiconductors BZX384-B2V7 Datasheet HTML 9Page - NXP Semiconductors BZX384-B2V7 Datasheet HTML 10Page - NXP Semiconductors Next Button 

BZX384-B2V7 Product details

DESCRIPTION
Low-power voltage regulator diodes encapsulated in a very small SOD323 (SC-76) plastic SMD package.
The diodes are available in the normalized E24 ±2% (BZX384-B) and approx. ±5% (BZX384-C) tolerance range. The series consists of 37 types with nominal working voltages from 2.4 to 75 V.

FEATURES
• Total power dissipation: max. 300 mW
• Two tolerance series: ±2% and approx. ±5%
• Working voltage range: nominal 2.4 to 75 V (E24 range)
• Non-repetitive peak reverse power dissipation:
   max. 40 W.

APPLICATIONS
• General regulation functions.




Similar Part No. - BZX384-B2V7

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX384-B2V7 GE-BZX384-B2V7 Datasheet
386Kb / 8P
   BZX384
logo
NXP Semiconductors
BZX384-B2V7 PHILIPS-BZX384-B2V7 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B2V7 NXP-BZX384-B2V7 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B2V7 NXP-BZX384-B2V7 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
logo
Nexperia B.V. All right...
BZX384-B2V7 NEXPERIA-BZX384-B2V7 Datasheet
320Kb / 14P
   Voltage regulator diodes
Rev. 4 - 1 January 2023
More results


Similar Description - BZX384-B2V7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com