Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C128CCHMT Datasheet (PDF) - ATMEL Corporation

AT24C128CCHMT Datasheet PDF - ATMEL Corporation
Part # AT24C128CCHMT
Download  AT24C128CCHMT Download

File Size   968.72 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description I2C-Compatible (2-Wire) Serial EEPROM

AT24C128CCHMT Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C128CCHMT Datasheet PDF - ATMEL Corporation

Part # AT24C128CCHMT
Download  AT24C128CCHMT Click to download

File Size   968.72 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description I2C-Compatible (2-Wire) Serial EEPROM

AT24C128CCHMT Datasheet (HTML) - ATMEL Corporation

Back Button AT24C128CCHMT Datasheet HTML 1Page - ATMEL Corporation AT24C128CCHMT Datasheet HTML 2Page - ATMEL Corporation AT24C128CCHMT Datasheet HTML 3Page - ATMEL Corporation AT24C128CCHMT Datasheet HTML 4Page - ATMEL Corporation AT24C128CCHMT Datasheet HTML 5Page - ATMEL Corporation AT24C128CCHMT Datasheet HTML 6Page - ATMEL Corporation AT24C128CCHMT Datasheet HTML 7Page - ATMEL Corporation AT24C128CCHMT Datasheet HTML 8Page - ATMEL Corporation AT24C128CCHMT Datasheet HTML 9Page - ATMEL Corporation AT24C128CCHMT Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT24C128CCHMT Product details

Description
The Atmel® AT24C128C provides 131,072-bits of Serial Electrically Erasable and Programmable Read-Only Memory (EEPROM) organized as 16,384 words of 8 bits each. The device’s cascading feature allows up to eight devices to share a common 2-wire bus. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The devices are available in space-saving 8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN, 8-pad XDFN, 8-ball VFBGA, and 4-ball WLCSP packages. In addition, this device operates from 1.7V to 5.5V.

Features
● Low-voltage and Standard-voltage Operation
   ̶  VCC = 1.7V to 5.5V
● Internally Organized as 16,384 x 8
● 2-wire Serial Interface
● Schmitt Trigger, Filtered Inputs for Noise Suppression
● Bidirectional Data Transfer Protocol
● 400kHz (1.7V) and 1MHz (2.5V, 2.7V, 5.0V) Compatibility
● Write Protect Pin for Hardware Protection
● 64-byte Page Write Mode
   ̶  Partial Page Writes Allowed
● Self-timed Write Cycle (5ms Max)
● High Reliability
   ̶  Endurance: 1,000,000 Write Cycles
   ̶  Data Retention: 40 Years
● Lead-free/Halogen-free Devices Available
● Green Package Options (Pb/Halide-free/RoHS Compliant)
   ̶  8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN, 8-pad XDFN, 8-ball VFBGA, and 4-ball WLCSP Packages
● Die Sale Options: Wafer Form, Waffle Pack, and Bumped Wafers




Similar Part No. - AT24C128CCHMT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
AT24C128C1-10CC ATMEL-AT24C128C1-10CC Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128C1-10CC-1.8 ATMEL-AT24C128C1-10CC-1.8 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128C1-10CC-2.7 ATMEL-AT24C128C1-10CC-2.7 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128C1-10CI ATMEL-AT24C128C1-10CI Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
More results


Similar Description - AT24C128CCHMT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24MAC402 ATMEL-AT24MAC402 Datasheet
1Mb / 28P
   I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
   I2C-Compatible Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24CM02 ATMEL-AT24CM02 Datasheet
1Mb / 24P
   I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com