Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA75344P3 Datasheet (PDF) - Fairchild Semiconductor

HUFA75344P3 Datasheet PDF - Fairchild Semiconductor
Part # HUFA75344P3
Download  HUFA75344P3 Download

File Size   336.8 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs

HUFA75344P3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUFA75344P3 Datasheet PDF - Fairchild Semiconductor

Part # HUFA75344P3
Download  HUFA75344P3 Click to download

File Size   336.8 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs

HUFA75344P3 Datasheet (HTML) - Fairchild Semiconductor

HUFA75344P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75344P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75344P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75344P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75344P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75344P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75344P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75344P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75344P3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA75344P3 Datasheet HTML 10Page - Fairchild Semiconductor

HUFA75344P3 Product details

75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs



These N-Channel power MOSFETs are manufactured using the innovative UltraFET® process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, low voltage bus switches, and power management in portable and battery-operated products.



Features

• 75A, 55V

• Simulation Models

- Temperature Compensated PSPICE® and SABER™ Models

- Thermal Impedance PSPICE and SABER Models

  Available on the web at: www.fairchildsemi.com

• Peak Current vs Pulse Width Curve

• UIS Rating Curve

• Related Literature

- TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HUFA75344P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75344P3 FAIRCHILD-HUFA75344P3 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results


Similar Description - HUFA75344P3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75344G3 INTERSIL-HUF75344G3 Datasheet
135Kb / 9P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
314Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75339G3 FAIRCHILD-HUF75339G3 Datasheet
292Kb / 9P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 FAIRCHILD-HUF75343G3 Datasheet
283Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUF75345G3 FAIRCHILD-HUF75345G3 Datasheet
286Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com