Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP56-16T3G Datasheet (PDF) - ON Semiconductor

BCP56-16T3G Datasheet PDF - ON Semiconductor
Part # BCP56-16T3G
Download  BCP56-16T3G Download

File Size   161.78 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Silicon Epitaxial Transistor

BCP56-16T3G Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP56-16T3G Datasheet PDF - ON Semiconductor

Part # BCP56-16T3G
Download  BCP56-16T3G Click to download

File Size   161.78 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Silicon Epitaxial Transistor

BCP56-16T3G Datasheet (HTML) - ON Semiconductor

BCP56-16T3G Datasheet HTML 1Page - ON Semiconductor BCP56-16T3G Datasheet HTML 2Page - ON Semiconductor BCP56-16T3G Datasheet HTML 3Page - ON Semiconductor BCP56-16T3G Datasheet HTML 4Page - ON Semiconductor BCP56-16T3G Datasheet HTML 5Page - ON Semiconductor

BCP56-16T3G Product details

NPN Silicon Epitaxial Transistor

These NPN Silicon Epitaxial transistors are designed for use in audio amplifier applications. The device is housed in the SOT−223 package, which is designed for medium power surface mount applications.

Features
• High Current: 1.0 A
• The SOT−223 package can be soldered using wave or reflow.
    The formed leads absorb thermal stress during soldering,
    eliminating the possibility of damage to the die
• Available in 12 mm Tape and Reel
   Use BCP56T1G to Order the 7 inch/1000 Unit Reel
   Use BCP56T3G to Order the 13 inch/4000 Unit Reel
• PNP Complement is BCP53T1G
• S and NSV Prefix for Automotive and Other Applications Requiring
   Unique Site and Control Change Requirements; AEC−Q101
   Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - BCP56-16T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCP56-16T3G ONSEMI-BCP56-16T3G Datasheet
74Kb / 5P
   NPN Silicon Epitaxial Transistor
April, 2016 ??Rev. 12
More results


Similar Description - BCP56-16T3G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com