Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1A-12V Datasheet (PDF) - Panasonic Semiconductor

CM1A-12V Datasheet PDF - Panasonic Semiconductor
Part # CM1A-12V
Download  CM1A-12V Download

File Size   97.14 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description AUTOMOTIVE MICRO-ISO RELAY Small size: 20 mm(L)x15 mm(W)x22 mm(H)

CM1A-12V Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1A-12V Datasheet PDF - Panasonic Semiconductor

Part # CM1A-12V
Download  CM1A-12V Click to download

File Size   97.14 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description AUTOMOTIVE MICRO-ISO RELAY Small size: 20 mm(L)x15 mm(W)x22 mm(H)

CM1A-12V Datasheet (HTML) - Panasonic Semiconductor

CM1A-12V Datasheet HTML 1Page - Panasonic Semiconductor CM1A-12V Datasheet HTML 2Page - Panasonic Semiconductor CM1A-12V Datasheet HTML 3Page - Panasonic Semiconductor CM1A-12V Datasheet HTML 4Page - Panasonic Semiconductor CM1A-12V Datasheet HTML 5Page - Panasonic Semiconductor

CM1A-12V Product details

FEATURES
• Micro-ISO type terminals
• Small size:
   20 mm(L)×15 mm(W)×22 mm(H) .787 inch(L)×.591 inch(L)×.866 inch(H)
• Wide line-up
   PC board and Plug-in type, Resistor inside type.
   24V DC type is also available.
• Compact and high-capacity 35A load switching
   N.O.: 35A 14V DC, N.C.: 20A 14V DC (Sealed type) Min. 5 × 104
   N.O.: 35A 14V DC, N.C.: 20A 14V DC (Flux-resistant type) Min. 105 *12V DC type
• Uses international standard ISO terminal arrangement.
   The ISO international standard terminal arrangement is used.
  
TYPICAL APPLICATIONS
• Fan motor
• Heater
• Head lump
• Air Compressor
• EPS
• ABS
• Blower fan
• Defogger, etc.




Similar Part No. - CM1A-12V

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CM1-86DX3 ADLINK-CM1-86DX3 Datasheet
231Kb / 4P
   Extreme Rugged PC/104 Single Board Computer
CM1-BT1 ADLINK-CM1-BT1 Datasheet
317Kb / 4P
   Extreme Rugged PC/104 Single Board Computer
logo
Clare, Inc.
CM10 CLARE-CM10 Datasheet
319Kb / 4P
   Molded Mini-DYAD
logo
Chicago Miniature Lamp,...
CM10 CML-CM10 Datasheet
227Kb / 1P
   G-3 1/2 Miniature 2 Pin Base
logo
Bourns Electronic Solut...
CM10 BOURNS-CM10 Datasheet
419Kb / 7P
   SMT Chip Inductors
More results


Similar Description - CM1A-12V

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C171KRTGTB EHAOAN-EH-C171KRTGTB Datasheet
685Kb / 8P
   Dimension( L/W/H) : 2.0x1.25x0.8 mm
logo
Murata Manufacturing Co...
TZC3R100A110B00 MURATA1-TZC3R100A110B00_V01 Datasheet
268Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
TZC3R100A110R00 MURATA1-TZC3R100A110R00_V01 Datasheet
267Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm
Last updated06/17/2022
TZV2Z060A110B00 MURATA1-TZV2Z060A110B00_V01 Datasheet
270Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZV2Z060A110R00 MURATA1-TZV2Z060A110R00_V01 Datasheet
270Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZV2Z100A110R00 MURATA1-TZV2Z100A110R00_V01 Datasheet
271Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZV2Z2R5A110B00 MURATA1-TZV2Z2R5A110B00_V01 Datasheet
272Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZC3Z060A110R00 MURATA1-TZC3Z060A110R00_V01 Datasheet
265Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm
Last updated06/17/2022
TZC3P200A110R00 MURATA1-TZC3P200A110R00_V01 Datasheet
267Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
TZC3P300A110B00 MURATA1-TZC3P300A110B00_V01 Datasheet
249Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com