Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA76423S3S Datasheet (PDF) - Fairchild Semiconductor

HUFA76423S3S Datasheet PDF - Fairchild Semiconductor
Part # HUFA76423S3S
Download  HUFA76423S3S Download

File Size   241.76 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

HUFA76423S3S Datasheet (PDF)

Go To PDF Page Download Datasheet
HUFA76423S3S Datasheet PDF - Fairchild Semiconductor

Part # HUFA76423S3S
Download  HUFA76423S3S Click to download

File Size   241.76 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

HUFA76423S3S Datasheet (HTML) - Fairchild Semiconductor

HUFA76423S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA76423S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA76423S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA76423S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA76423S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA76423S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA76423S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA76423S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA76423S3S Datasheet HTML 9Page - Fairchild Semiconductor HUFA76423S3S Datasheet HTML 10Page - Fairchild Semiconductor

HUFA76423S3S Product details

Features
• Ultra Low On-Resistance
    - rDS(ON) = 0.030Ω, VGS = 10V
    - rDS(ON) = 0.035Ω, VGS = 5V
• Simulation Models
    - Temperature Compensated PSPICE® and SABER™ Electrical Models
    - Spice and SABER Thermal Impedance Models
    - www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Switching Time vs RGS Curves




Similar Part No. - HUFA76423S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76423D3 FAIRCHILD-HUFA76423D3 Datasheet
200Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423D3S FAIRCHILD-HUFA76423D3S Datasheet
200Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Similar Description - HUFA76423S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76423P3 FAIRCHILD-HUF76423P3 Datasheet
241Kb / 10P
   33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76423P3 INTERSIL-HUF76423P3 Datasheet
359Kb / 9P
   33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76437P3 FAIRCHILD-HUFA76437P3 Datasheet
215Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423D3 FAIRCHILD-HUFA76423D3 Datasheet
200Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407D3 FAIRCHILD-HUFA76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76413D3 FAIRCHILD-HUFA76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com