Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

185027-1 Datasheet (PDF) - Tyco Electronics

185027-1 Datasheet PDF - Tyco Electronics
Part # 185027-1
Download  185027-1 Download

File Size   104.68 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description JPT REC FOR 1 WIRE SEAL

185027-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
185027-1 Datasheet PDF - Tyco Electronics

Part # 185027-1
Download  185027-1 Click to download

File Size   104.68 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description JPT REC FOR 1 WIRE SEAL

185027-1 Datasheet (HTML) - Tyco Electronics

185027-1 Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - 185027-1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1850 ALPHAWIRE-1850 Datasheet
69Kb / 2P
   Customer Specification
1850 ALPHAWIRE-1850 Datasheet
97Kb / 3P
   Customer Specification
2/21/2023
logo
Molex Electronics Ltd.
18501EV10M1 MOLEX11-18501EV10M1 Datasheet
53Kb / 2P
   NSCC Single Part, Unsealed, 1.50mm, Female Housing, 10 Circuits, Dual Row, Black
logo
List of Unclassifed Man...
18503 ETC2-18503 Datasheet
86Kb / 2P
   Fiberglass Omnidirectional Wireless Antennas
logo
PHOENIX CONTACT
1850411 PHOENIX-1850411 Datasheet
47Kb / 2P
   Connector set - MC 1,5 STECKER-SET NZ:X148-CB1
More results


Similar Description - 185027-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1897014 TEC-1897014 Datasheet
83Kb / 1P
   PLUG WIRE COVER FOR MTII/JPT SEALED 26P PLUG ASSY
04/NOV/16
logo
Molex Electronics Ltd.
495059001 MOLEX-495059001 Datasheet
90Kb / 2P
   WIRE SEAL FOR SVM TERMINAL
2013/02/14
359030106 MOLEX-359030106 Datasheet
122Kb / 2P
   WIRE SEAL FOR EARTH TERMINAL
2019/03/05
logo
Tyco Electronics
1-967240-1 MACOM-1-967240-1 Datasheet
59Kb / 1P
   JPT Gehause, 10-polig JPT HOUSING, 10-POS.
logo
TE Connectivity Ltd
C-281934 TEC-C-281934 Datasheet
179Kb / 1P
   SINGLE WIRE SEAL
logo
Tyco Electronics
368162-1 MACOM-368162-1 Datasheet
63Kb / 1P
   JPT 4P CONNECTOR ASSEMBLY FOR MAP SENSOR
logo
Molex Electronics Ltd.
0638120900 MOLEX11-0638120900 Datasheet
32Kb / 1P
   Insertion Tool for CTX280 Wire Seal Plugs
0191640081 MOLEX4-0191640081 Datasheet
96Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/4
0191640457 MOLEX4-0191640457 Datasheet
96Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/2
logo
TE Connectivity Ltd
1897013 TEC-1897013 Datasheet
178Kb / 1P
   CAP HSG FOR MTII/JPT SEALED 26P CONNR
23/MAR/23
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com