Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR431 Datasheet (PDF) - Analog Devices

ADR431 Datasheet PDF - Analog Devices
Part # ADR431
Download  ADR431 Download

File Size   1588.21 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise XFET Voltage References with Current Sink and Source Capability

ADR431 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR431 Datasheet PDF - Analog Devices

Part # ADR431
Download  ADR431 Click to download

File Size   1588.21 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise XFET Voltage References with Current Sink and Source Capability

ADR431 Datasheet (HTML) - Analog Devices

Back Button ADR431 Datasheet HTML 1Page - Analog Devices ADR431 Datasheet HTML 2Page - Analog Devices ADR431 Datasheet HTML 3Page - Analog Devices ADR431 Datasheet HTML 4Page - Analog Devices ADR431 Datasheet HTML 5Page - Analog Devices ADR431 Datasheet HTML 6Page - Analog Devices ADR431 Datasheet HTML 7Page - Analog Devices ADR431 Datasheet HTML 8Page - Analog Devices ADR431 Datasheet HTML 9Page - Analog Devices ADR431 Datasheet HTML 10Page - Analog Devices Next Button 

ADR431 Product details

GENERAL DESCRIPTION

The ADR43x series is a family of XFET voltage references featuring low noise, high accuracy, and low temperature drift performance. Using ADI’s patented temperature drift curvature correction and XFET (eXtra implanted junction FET) technology, the ADR43x’s voltage change versus temperature nonlinearity is minimized.



FEATURES

Low noise (0.1 Hz to 10 Hz): 3.5 µV p-p @ 2.5 V output

No external capacitor required

Low temperature coefficient

   A Grade: 10 ppm/°C max

   B Grade: 3 ppm/°C max

Load regulation: 15 ppm/mA

Line regulation: 20 ppm/V

Wide operating range

   ADR430: 4.1 V to 18 V

   ADR431: 4.5 V to 18 V

   ADR433: 5.0 V to 18 V

   ADR434: 6.1 V to 18 V

   ADR435: 7.0 V to 18 V

   ADR439: 6.5 V to 18 V

High output current: +30 mA/−20 mA

Wide temperature range: −40°C to +125°C



APPLICATIONS

Precision data acquisition systems

High resolution data converters

Medical instruments

Industrial process control systems

Optical control circuits

Precision instruments




Similar Part No. - ADR431

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR431 AD-ADR431 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR431 AD-ADR431 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431 AD-ADR431 Datasheet
993Kb / 32P
   Ultralow Noise, High Accuracy
REV. 0
ADR431 AD-ADR431 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
ADR431 AD-ADR431 Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
More results


Similar Description - ADR431

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR430 AD-ADR430 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR434TRZ-EP AD-ADR434TRZ-EP Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443 AD-ADR443_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com