![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IRF323 - N-Channel Power MOSFETs, 3.0 A, 350-400 V - Fairchild Semiconductor |
|
Click Here View IRF323 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| IRF420-423 | N-Channel Power MOSFETs 3.0 A 450 V/500 V | Fairchild Semiconductor |
| IRF420 | 2.2A and 2.5A 450V and 500V 3.0 and 4.0 Ohm N-Channel Power MOSFETs | Intersil Corporation |
| SD2900 | RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs | STMicroelectronics |
| IRF440 | N-CHANNEL POWER MOSFETS | Samsung semiconductor |
| SML1001R1AN | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | Seme LAB |
| SML10B75XX | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | Seme LAB |
| SML20J175 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | Seme LAB |
| SML40B37 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | Seme LAB |
| SML50J44 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | Seme LAB |
| SML60J35 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | Seme LAB |
Link URL |
|
|
Related keyword |
| IRF323 Datasheet | IRF323 Cross Reference | IRF323 Schematic | IRF323 Distributor | IRF323 Datenblatt | IRF323 RoHS |
| IRF323 Equivalent | IRF323 Application Notes | IRF323 Data Sheet | IRF323 component | IRF323 Fiche Technique | IRF323 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |