Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTD113EKT146 Datasheet (PDF) - Rohm

DTD113EKT146 Datasheet PDF - Rohm
Part # DTD113EKT146
Download  DTD113EKT146 Download

File Size   343.86 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)

DTD113EKT146 Datasheet (PDF)

Go To PDF Page Download Datasheet
DTD113EKT146 Datasheet PDF - Rohm

Part # DTD113EKT146
Download  DTD113EKT146 Click to download

File Size   343.86 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)

DTD113EKT146 Datasheet (HTML) - Rohm

DTD113EKT146 Datasheet HTML 1Page - Rohm DTD113EKT146 Datasheet HTML 2Page - Rohm DTD113EKT146 Datasheet HTML 3Page - Rohm DTD113EKT146 Datasheet HTML 4Page - Rohm DTD113EKT146 Datasheet HTML 5Page - Rohm DTD113EKT146 Datasheet HTML 6Page - Rohm

DTD113EKT146 Product details

VCC 50V

IC(MAX.) 500mA

R1 1kΩ

R2 1kΩ



Features

1) Built-In Biasing Resistors, R1 = R2 = 1kW.

2) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors(see inner circuit).

3) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of completely eliminating parasitic effects.

4) Only the on/off conditions need to be set for operation, making the circuit design easy.

5) Complementary PNP Types :DTB113EK series

6) Lead Free/RoHS Compliant.



Application

Switching circuit, Inverter circuit, Interface circuit, Driver circuit




Similar Part No. - DTD113EKT146

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD113EK ROHM-DTD113EK Datasheet
71Kb / 3P
   Digital transistors (built-in resistors)
DTD113EK ROHM-DTD113EK Datasheet
74Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD113EK ROHM-DTD113EK Datasheet
142Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD113EK ROHM-DTD113EK Datasheet
385Kb / 7P
   NPN 500mA 50V Digital Transistors
DTD113EK ROHM-DTD113EK_09 Datasheet
142Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
More results


Similar Description - DTD113EKT146

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD143EKT146 ROHM-DTD143EKT146 Datasheet
328Kb / 6P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD113Z ROHM-DTD113Z Datasheet
359Kb / 7P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD113ZUT106 ROHM-DTD113ZUT106 Datasheet
359Kb / 7P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB123YUT106 ROHM-DTB123YUT106 Datasheet
411Kb / 7P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB114EK ROHM-DTB114EK_12 Datasheet
363Kb / 6P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB113ZKT146 ROHM-DTB113ZKT146 Datasheet
336Kb / 6P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB123Y ROHM-DTB123Y Datasheet
411Kb / 7P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB143EKT146 ROHM-DTB143EKT146 Datasheet
346Kb / 6P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB123YKT146 ROHM-DTB123YKT146 Datasheet
411Kb / 7P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD743Z ROHM-DTD743Z Datasheet
359Kb / 7P
   NPN 500mA 12V Digital Transistors (Bias Resistor Built-in Transistors)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com