Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1100AF Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM1100AF Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM1100AF
Download  SM1100AF Download

File Size   236.6 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 20V ~200V 1.0 Amp Surfacemount Schottky Barrier Rectifiers

SM1100AF Datasheet (PDF)

Go To PDF Page Download Datasheet
SM1100AF Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM1100AF
Download  SM1100AF Click to download

File Size   236.6 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 20V ~200V 1.0 Amp Surfacemount Schottky Barrier Rectifiers

SM1100AF Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

SM1100AF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1100AF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH

SM1100AF Product details

20 V ~ 200 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers



FEATURES

   Ideal for surface mount applications

   Easy pick and place

   Built-in strain relief

   Low forward voltage drop




Similar Part No. - SM1100AF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM1100AF LRC-SM1100AF_15 Datasheet
371Kb / 14P
   Schottky Barrier Rectifiers
More results


Similar Description - SM1100AF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
   VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
SM520AF SECOS-SM520AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
SM220AF SECOS-SM220AF Datasheet
237Kb / 2P
   20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
SM320AS SECOS-SM320AS Datasheet
222Kb / 3P
   Voltage 20V ~ 200V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SCDS101 SECOS-SCDS101_12 Datasheet
136Kb / 2P
   Voltage 50V ~ 200V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_1 Datasheet
61Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
1S2 DYELEC-1S2 Datasheet
792Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com