Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2822D Datasheet (PDF) - Fairchild Semiconductor

KA2822D Datasheet PDF - Fairchild Semiconductor
Part # KA2822D
Download  KA2822D Download

File Size   188.88 Kbytes
Page   15 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Phase BLDC Motor Driver

KA2822D Datasheet (PDF)

Go To PDF Page Download Datasheet
KA2822D Datasheet PDF - Fairchild Semiconductor

Part # KA2822D
Download  KA2822D Click to download

File Size   188.88 Kbytes
Page   15 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Phase BLDC Motor Driver

KA2822D Datasheet (HTML) - Fairchild Semiconductor

Back Button KA2822D Datasheet HTML 1Page - Fairchild Semiconductor KA2822D Datasheet HTML 2Page - Fairchild Semiconductor KA2822D Datasheet HTML 3Page - Fairchild Semiconductor KA2822D Datasheet HTML 4Page - Fairchild Semiconductor KA2822D Datasheet HTML 5Page - Fairchild Semiconductor KA2822D Datasheet HTML 6Page - Fairchild Semiconductor KA2822D Datasheet HTML 7Page - Fairchild Semiconductor KA2822D Datasheet HTML 8Page - Fairchild Semiconductor KA2822D Datasheet HTML 9Page - Fairchild Semiconductor KA2822D Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA2822D Product details

Description
The KA2822D is a monolithic integrated circuit, and suitable for the three-phase spindle motor driver of FDD system.

Features
• 3-phase, full-wave, linear BLDC motor driver with 2 hall sensors
• Built-in soft switching drive circuit
• 300 or 360 RPM speed control
• Snubberless
• Built-in chip enable function
• Built-in digital speed control circuit
• Built-in current limit circuit
• Index sensorless
• Built-in TSD (Thermal shutdown)
• Low saturation voltage
• Digital input: TTL, 5V CMOS compatible
• Built-in current-mode control circuit (IPEAK: 1A)

Typical Application
• 3.5-inch floppy disk drive (FDD) spildle motor
• Other 3-phase BLDC motor




Similar Part No. - KA2822D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822CDTF FAIRCHILD-KA2822CDTF Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
More results


Similar Description - KA2822D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com