Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTD113ZT Datasheet (PDF) - NXP Semiconductors

PDTD113ZT Datasheet PDF - NXP Semiconductors
Part # PDTD113ZT_13
Download  PDTD113ZT Download

File Size   71.79 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW

PDTD113ZT Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTD113ZT Datasheet PDF - NXP Semiconductors

Part # PDTD113ZT_13
Download  PDTD113ZT Click to download

File Size   71.79 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW

PDTD113ZT Datasheet (HTML) - NXP Semiconductors

PDTD113ZT_13 Datasheet HTML 1Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 2Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 3Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 4Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 5Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 6Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 7Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 8Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 9Page - NXP Semiconductors



Similar Part No. - PDTD113ZT_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD113ZT PHILIPS-PDTD113ZT_15 Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
More results


Similar Description - PDTD113ZT_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD113ZT PHILIPS-PDTD113ZT_15 Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PDTD113ZT NXP-PDTD113ZT Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PIMN31 NXP-PIMN31 Datasheet
94Kb / 11P
   500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-19 June 2007
logo
Nexperia B.V. All right...
PIMN31 NEXPERIA-PIMN31 Datasheet
209Kb / 12P
   500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 19 June 2007
logo
NXP Semiconductors
PIMC31 NXP-PIMC31 Datasheet
113Kb / 13P
   500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-24 March 2009
logo
Nexperia B.V. All right...
PIMC31 NEXPERIA-PIMC31 Datasheet
228Kb / 14P
   500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 24 March 2009
logo
NXP Semiconductors
PDTD123E PHILIPS-PDTD123E Datasheet
68Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-8 April 2005
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
logo
Nexperia B.V. All right...
PDTA113Z_SER NEXPERIA-PDTA113Z_SER Datasheet
236Kb / 19P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04 - 2 September 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com