Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4112 Datasheet (PDF) - Fairchild Semiconductor

KM4112 Datasheet PDF - Fairchild Semiconductor
Part # KM4112
Download  KM4112 Download

File Size   139.66 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier

KM4112 Datasheet (PDF)

Go To PDF Page Download Datasheet
KM4112 Datasheet PDF - Fairchild Semiconductor

Part # KM4112
Download  KM4112 Click to download

File Size   139.66 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier

KM4112 Datasheet (HTML) - Fairchild Semiconductor

KM4112 Datasheet HTML 1Page - Fairchild Semiconductor KM4112 Datasheet HTML 2Page - Fairchild Semiconductor KM4112 Datasheet HTML 3Page - Fairchild Semiconductor KM4112 Datasheet HTML 4Page - Fairchild Semiconductor KM4112 Datasheet HTML 5Page - Fairchild Semiconductor KM4112 Datasheet HTML 6Page - Fairchild Semiconductor KM4112 Datasheet HTML 7Page - Fairchild Semiconductor KM4112 Datasheet HTML 8Page - Fairchild Semiconductor KM4112 Datasheet HTML 9Page - Fairchild Semiconductor

KM4112 Product details

General Description
The KM4112 is an ultra-low power, low cost, voltage feedback amplifier. The KM4112 uses only 70µA of supply current and is designed to operate on +2.7V, +5V, or ±2.5V supplies. The input voltage range extends 300mV below the negative rail and 1.2V below the positive rail.

Features
■ 70µA supply current
■ 7.3MHz bandwidth
■ Fully specified at +2.7V and +5V supplies
■ Output voltage range: 0.04V to 4.96V; Vs = +5
■ Input voltage range: -0.3V to +3.8V; Vs = +5
■ 9V/µs slew rate
■ ±4mA linear output current
■ ±9mA short circuit output current
■ 29nV/√Hz input voltage noise
■ Competes with low power CMOS amps
■ Small package option (SOT23-5)

Applications
■ Portable/battery-powered applications
■ A/D buffer
■ Active filters
■ Signal conditioning
■ Portable test instruments




Similar Part No. - KM4112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5 FAIRCHILD-KM4110IT5 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5TR3 FAIRCHILD-KM4110IT5TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
More results


Similar Description - KM4112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
   Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com