Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4210 Datasheet (PDF) - Fairchild Semiconductor

KM4210 Datasheet PDF - Fairchild Semiconductor
Part # KM4210
Download  KM4210 Download

File Size   77.21 Kbytes
Page   2 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier

KM4210 Datasheet (PDF)

Go To PDF Page Download Datasheet
KM4210 Datasheet PDF - Fairchild Semiconductor

Part # KM4210
Download  KM4210 Click to download

File Size   77.21 Kbytes
Page   2 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier

KM4210 Datasheet (HTML) - Fairchild Semiconductor

KM4210 Datasheet HTML 1Page - Fairchild Semiconductor KM4210 Datasheet HTML 2Page - Fairchild Semiconductor

KM4210 Product details

General Description
The KM4210 is a dual, low power, low cost, voltage feedback amplifier. The KM4210 uses only 505µA of supply current per amplifer, and is designed to operate on +2.7V, +5V, or ±2.5V supplies. The input voltage range extends 300mV below the negative rail and 1.2V below the positive rail.

Features
■ 505µA supply current per amplifier
■ 75MHz bandwidth
■ Fully specified at +2.7V and +5V supplies
■ Output voltage range: 0.07V to 4.86V; Vs = +5
■ Input voltage range: -0.3V to +3.8V; Vs = +5
■ 50V/µs slew rate
■ ±15mA linear output current
■ ±30mA output short circuit current
■ 12nV/√Hz input voltage noise
■ Directly replaces AD8032
■ Package option (MSOP-8)

Applications
■ Portable/battery-powered applications
■ A/D buffer
■ Active filters
■ Signal conditioning
■ Portable test instruments




Similar Part No. - KM4210

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8 FAIRCHILD-KM4211IC8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8TR3 FAIRCHILD-KM4211IC8TR3 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IM8 FAIRCHILD-KM4211IM8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IM8TR3 FAIRCHILD-KM4211IM8TR3 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results


Similar Description - KM4210

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
   0.5mA, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
logo
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com