Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU12SD2MG-MTR Datasheet (PDF) - Rohm

BU12SD2MG-MTR Datasheet PDF - Rohm
Part # BU12SD2MG-MTR
Download  BU12SD2MG-MTR Download

File Size   834.22 Kbytes
Page   31 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1ch 200mA CMOS LDO Regulators

BU12SD2MG-MTR Datasheet (PDF)

Go To PDF Page Download Datasheet
BU12SD2MG-MTR Datasheet PDF - Rohm

Part # BU12SD2MG-MTR
Download  BU12SD2MG-MTR Click to download

File Size   834.22 Kbytes
Page   31 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1ch 200mA CMOS LDO Regulators

BU12SD2MG-MTR Datasheet (HTML) - Rohm

Back Button BU12SD2MG-MTR Datasheet HTML 1Page - Rohm BU12SD2MG-MTR Datasheet HTML 2Page - Rohm BU12SD2MG-MTR Datasheet HTML 3Page - Rohm BU12SD2MG-MTR Datasheet HTML 4Page - Rohm BU12SD2MG-MTR Datasheet HTML 5Page - Rohm BU12SD2MG-MTR Datasheet HTML 6Page - Rohm BU12SD2MG-MTR Datasheet HTML 7Page - Rohm BU12SD2MG-MTR Datasheet HTML 8Page - Rohm BU12SD2MG-MTR Datasheet HTML 9Page - Rohm BU12SD2MG-MTR Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - BU12SD2MG-MTR

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BU120 SEME-LAB-BU120 Datasheet
12Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Inchange Semiconductor ...
BU120 ISC-BU120 Datasheet
190Kb / 2P
   Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
logo
New Jersey Semi-Conduct...
BU120 NJSEMI-BU120 Datasheet
129Kb / 2P
   Silicon NPN Power Transistors
logo
Vishay Siliconix
BU1206 VISHAY-BU1206 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1206 VISHAY-BU1206 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
More results


Similar Description - BU12SD2MG-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com