Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSB564AYTA_NL Datasheet (PDF) - Fairchild Semiconductor

KSB564AYTA_NL Datasheet PDF - Fairchild Semiconductor
Part # KSB564AYTA_NL
Download  KSB564AYTA_NL Download

File Size   41.2 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Audio Frequency Power Amplifier

KSB564AYTA_NL Datasheet (PDF)

Go To PDF Page Download Datasheet
KSB564AYTA_NL Datasheet PDF - Fairchild Semiconductor

Part # KSB564AYTA_NL
Download  KSB564AYTA_NL Click to download

File Size   41.2 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Audio Frequency Power Amplifier

KSB564AYTA_NL Datasheet (HTML) - Fairchild Semiconductor

KSB564AYTA_NL Datasheet HTML 1Page - Fairchild Semiconductor KSB564AYTA_NL Datasheet HTML 2Page - Fairchild Semiconductor KSB564AYTA_NL Datasheet HTML 3Page - Fairchild Semiconductor KSB564AYTA_NL Datasheet HTML 4Page - Fairchild Semiconductor

KSB564AYTA_NL Product details

Audio Frequency Power Amplifier



• Complement to KSD471A

• Collector Current : IC = -1A

• Collector Power Dissipation : PC = 800mW

• Suffix “-C” means Center Collector (1. Emitter 2. Collector 3. Base)




Similar Part No. - KSB564AYTA_NL

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
KSB564A WINNERJOIN-KSB564A Datasheet
126Kb / 1P
   TRANSISTOR (PNP)
logo
Foshan Blue Rocket Elec...
KSB564A FOSHAN-KSB564A Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KSB564A JIANGSU-KSB564A Datasheet
393Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
More results


Similar Description - KSB564AYTA_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
KSC2682 FAIRCHILD-KSC2682 Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
logo
First Silicon Co., Ltd
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
   Audio frequency power amplifier
logo
Fairchild Semiconductor
KSD1021 FAIRCHILD-KSD1021 Datasheet
41Kb / 4P
   Audio Frequency Power Amplifier
KSD471AYBU FAIRCHILD-KSD471AYBU Datasheet
47Kb / 4P
   Audio Frequency Power Amplifier
logo
SemiHow Co.,Ltd.
KSH772 SEMIHOW-KSH772 Datasheet
232Kb / 5P
   Audio Frequency Power Amplifier
KSE772 SEMIHOW-KSE772 Datasheet
184Kb / 5P
   Audio Frequency Power Amplifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com