Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW020 Datasheet (PDF) - General Semiconductor

LW020 Datasheet PDF - General Semiconductor
Part # LW020
Download  LW020 Download

File Size   426.5 Kbytes
Page   16 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W

LW020 Datasheet (PDF)

Go To PDF Page Download Datasheet
LW020 Datasheet PDF - General Semiconductor

Part # LW020
Download  LW020 Click to download

File Size   426.5 Kbytes
Page   16 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W

LW020 Datasheet (HTML) - General Semiconductor

Back Button LW020 Datasheet HTML 1Page - General Semiconductor LW020 Datasheet HTML 2Page - General Semiconductor LW020 Datasheet HTML 3Page - General Semiconductor LW020 Datasheet HTML 4Page - General Semiconductor LW020 Datasheet HTML 5Page - General Semiconductor LW020 Datasheet HTML 6Page - General Semiconductor LW020 Datasheet HTML 7Page - General Semiconductor LW020 Datasheet HTML 8Page - General Semiconductor LW020 Datasheet HTML 9Page - General Semiconductor LW020 Datasheet HTML 10Page - General Semiconductor Next Button 

LW020 Product details

Description
The LW020 Single-Output-Series Power Modules are low-profile dc-dc converters that operate over an input voltage range of 36 Vdc to 75 Vdc and provide precisely regulated outputs. The outputs are isolated from the input, allowing versatile polarity configurations and grounding connections. Built-in filtering for both input and output minimizes the need for external filtering. The modules have a maximum power rating of 20 W at a typical full-load efficiency of up to 85%.

Features
• Low profile: 9.91 mm (0.390 in.) with 0.38 mm (0.015 in.) standoffs, 9.53 mm (0.375 in.) with standoffs recessed
• Wide input voltage range: 36 Vdc to 75 Vdc
• Overcurrent protection
• Output overvoltage protection
• Input-to-output isolation: 1500 Vdc
• Operating case temperature range: –40 °C to +110 °C
• Remote on/off
• Output voltage adjustment: 90% to 110% of VO, nom
• JQA Certified to EN60950
• UL* 1950 Recognized, CSA† C22.2 No. 950-95 Certified, VDE‡ 0805 (EN60950, IEC950) Licensed
• CE mark meets 73/23/EEC and 93/68/EEC directives§
• Within FCC Class A radiated limits

Applications
• Distributed power architectures
• Communication equipment
• Computer equipment




Similar Part No. - LW020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
LW025A MACOM-LW025A Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
LW025F MACOM-LW025F Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
More results


Similar Description - LW020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
CW025ABK-M GE-CW025ABK-M Datasheet
799Kb / 20P
   CW025 Triple-Output-Series Power Modules: 36 Vdc to 75 Vdc Input; 25W
logo
List of Unclassifed Man...
MC010 ETC1-MC010 Datasheet
938Kb / 12P
   MC010-Series Power Modules 18 Vdc to 36 Vdc Inputs 10W
logo
Tyco Electronics
SMLW010 MACOM-SMLW010 Datasheet
222Kb / 16P
   SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com