Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMA-300-R Datasheet (PDF) - Cooper Bussmann, Inc.

GMA-300-R Datasheet PDF - Cooper Bussmann, Inc.
Part # GMA-300-R
Download  GMA-300-R Download

File Size   299.59 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 5 x 20mm Fast-acting Glass Tube Fuses GMA Series

GMA-300-R Datasheet (PDF)

Go To PDF Page Download Datasheet
GMA-300-R Datasheet PDF - Cooper Bussmann, Inc.

Part # GMA-300-R
Download  GMA-300-R Click to download

File Size   299.59 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 5 x 20mm Fast-acting Glass Tube Fuses GMA Series

GMA-300-R Datasheet (HTML) - Cooper Bussmann, Inc.

GMA-300-R Datasheet HTML 1Page - Cooper Bussmann, Inc. GMA-300-R Datasheet HTML 2Page - Cooper Bussmann, Inc.

GMA-300-R Product details

Description
• Fast-acting, low breaking capacity
• Optional axial leads available
• 5 x 20mm physical size
• Glass tube, silver-plated (63mA-315mA) and nickel
   plated (500mA-15A) brass endcap construction
• Designed to UL/CSA 248-14
• Ratings above 6.3A have a 0.8mm diameter lead
• With TR2 packaging code, lead wire length is 19.05mm




Similar Part No. - GMA-300-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMA-300-R COOPER-GMA-300-R Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses
GMA-300-R COOPER-GMA-300-R Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses
logo
Eaton All Rights Reserv...
GMA-300-R EATON-GMA-300-R Datasheet
439Kb / 2P
   5 mm x 20 mm Fast-acting glass tube fuses
More results


Similar Description - GMA-300-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses
GMA-1A COOPER-GMA-1A Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
   5 x 20mm, Fast-Acting, Ceramic Tube Fuses
C518-100-R COOPER-C518-100-R Datasheet
234Kb / 2P
   5 x 15mm Fast-Acting Glass Tube Fuses
S501-2-R COOPER-S501-2-R Datasheet
102Kb / 2P
   5mm x 20mm Fuses S501 Series, Fast Acting, Ceramic Tube
logo
Eaton All Rights Reserv...
C517 EATON-C517 Datasheet
245Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
S500 EATON-S500 Datasheet
252Kb / 2P
   5 mm x 20 mm Fast-acting glass tube fuses
C520 EATON-C520 Datasheet
288Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
C518 EATON-C518 Datasheet
310Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
GDB EATON-GDB Datasheet
627Kb / 2P
   5 mm x 20 mm Fast-acting glass tube fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com