Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJQ6015DPM Datasheet (PDF) - Renesas Technology Corp

RJQ6015DPM Datasheet PDF - Renesas Technology Corp
Part # RJQ6015DPM
Download  RJQ6015DPM Download

File Size   117.41 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 18A - IGBT and Diode Application: Inverter

RJQ6015DPM Datasheet (PDF)

Go To PDF Page Download Datasheet
RJQ6015DPM Datasheet PDF - Renesas Technology Corp

Part # RJQ6015DPM
Download  RJQ6015DPM Click to download

File Size   117.41 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 18A - IGBT and Diode Application: Inverter

RJQ6015DPM Datasheet (HTML) - Renesas Technology Corp

RJQ6015DPM Datasheet HTML 1Page - Renesas Technology Corp RJQ6015DPM Datasheet HTML 2Page - Renesas Technology Corp RJQ6015DPM Datasheet HTML 3Page - Renesas Technology Corp RJQ6015DPM Datasheet HTML 4Page - Renesas Technology Corp RJQ6015DPM Datasheet HTML 5Page - Renesas Technology Corp RJQ6015DPM Datasheet HTML 6Page - Renesas Technology Corp RJQ6015DPM Datasheet HTML 7Page - Renesas Technology Corp RJQ6015DPM Datasheet HTML 8Page - Renesas Technology Corp RJQ6015DPM Datasheet HTML 9Page - Renesas Technology Corp RJQ6015DPM Datasheet HTML 10Page - Renesas Technology Corp

RJQ6015DPM Product details

Features
• Short circuit withstand time (5 μs typ.)
• Low collector to emitter saturation voltage
   VCE(sat) = 1.6 V typ. (at IC = 37 A, VGE = 15 V, Ta = 25°C)
• Built in fast recovery diode (100 ns typ.) in one package
• Trench gate and thin wafer technology
• High speed switching
   tf = 40 ns typ. (at VCC = 300 V, VGE = 15 V, IC = 37 A, Rg = 5 Ω, Ta = 25°C, inductive load)




Similar Part No. - RJQ6015DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJQ6015DPM RENESAS-RJQ6015DPM_15 Datasheet
117Kb / 10P
   600V - 18A - IGBT and Diode Application: Inverter
More results


Similar Description - RJQ6015DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJQ6015DPM RENESAS-RJQ6015DPM_15 Datasheet
117Kb / 10P
   600V - 18A - IGBT and Diode Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D6DPQ-E0 RENESAS-RJH60D6DPQ-E0 Datasheet
108Kb / 10P
   600V - 40A - IGBT Application: Inverter
RJH60D6DPM RENESAS-RJH60D6DPM_15 Datasheet
107Kb / 10P
   600V - 40A - IGBT Application: Inverter
RJH60A83RDPE RENESAS-RJH60A83RDPE_15 Datasheet
112Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60A83RDPP-M0 RENESAS-RJH60A83RDPP-M0_15 Datasheet
120Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0_15 Datasheet
108Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60M3DPE RENESAS-RJH60M3DPE_15 Datasheet
100Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60D7DPQ-E0 RENESAS-RJH60D7DPQ-E0_15 Datasheet
113Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60M3DPQ-E0 RENESAS-RJH60M3DPQ-E0 Datasheet
212Kb / 10P
   600V - 17A - IGBT Application: Inverter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com