Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSD363 Datasheet (PDF) - Fairchild Semiconductor

KSD363 Datasheet PDF - Fairchild Semiconductor
Part # KSD363
Download  KSD363 Download

File Size   60.47 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description B/W TV Horizontal Deflection Output

KSD363 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSD363 Datasheet PDF - Fairchild Semiconductor

Part # KSD363
Download  KSD363 Click to download

File Size   60.47 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description B/W TV Horizontal Deflection Output

KSD363 Datasheet (HTML) - Fairchild Semiconductor

KSD363 Datasheet HTML 1Page - Fairchild Semiconductor KSD363 Datasheet HTML 2Page - Fairchild Semiconductor KSD363 Datasheet HTML 3Page - Fairchild Semiconductor KSD363 Datasheet HTML 4Page - Fairchild Semiconductor

KSD363 Product details

B/W TV Horizontal Deflection Output

• Collector-Base Voltage : VCBO=300V
• Collector Current : IC=6A
• Collector Dissipation : PC=40W(TC=25°C)




Similar Part No. - KSD363

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KSD363 ISC-KSD363 Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSD363 FAIRCHILD-KSD363 Datasheet
65Kb / 4P
   B/W TV Horizontal Deflection Output
KSD363R FAIRCHILD-KSD363R Datasheet
65Kb / 4P
   B/W TV Horizontal Deflection Output
More results


Similar Description - KSD363

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2233 FAIRCHILD-KSC2233 Datasheet
42Kb / 4P
   B/W TV Horizontal Deflection Output
logo
List of Unclassifed Man...
2SC940 ETC-2SC940 Datasheet
42Kb / 1P
   B/W TV Horizontal Deflection Output
logo
Fairchild Semiconductor
KSD362 FAIRCHILD-KSD362 Datasheet
61Kb / 4P
   B/W TV Horizontal Deflection Output
KSD362R FAIRCHILD-KSD362R Datasheet
67Kb / 4P
   B/W TV Horizontal Deflection Output
KSD363R FAIRCHILD-KSD363R Datasheet
65Kb / 4P
   B/W TV Horizontal Deflection Output
KSD1362 FAIRCHILD-KSD1362 Datasheet
47Kb / 4P
   B/W TV Horizontal Deflection Output
logo
Samsung semiconductor
KSD362 SAMSUNG-KSD362 Datasheet
223Kb / 6P
   NPN (B/W TV HORIZONTAL DEFLECTION OUTPUT)
logo
KEC(Korea Electronics)
KTC1003 KEC-KTC1003 Datasheet
247Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR (B/W TV HORIZONTAL DEFLECTION OUTPUT)
KTC3231 KEC-KTC3231 Datasheet
324Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR (B/W TV HORIZONTAL DEFLECTION OUTPUT)
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
   TV HORIZONTAL DEFLECTION OUTPUT
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com