Manufacturer | Part # | Datasheet | Description |
Amphenol Communications... |
10052824
|
363Kb / 5P |
airmax vs r/a header assy press-fit, 72 pos, 20mm
Rev B |
10016527
|
428Kb / 5P |
airmax vs r/a header assy press-fit, 150 pos, 20mm
Rev H |
FCI connector |
10045267-101LF
|
320Kb / 5P |
AirMax VS R/A HEADER ASSY PRESS-FIT, 72 POSM 18MM
|
Amphenol Corporation |
AA24008000
|
233Kb / 5P |
AirMax VS RA HEADER ASSY PRESS-FIT
|
AA622-01000
|
113Kb / 2P |
AIRMAX VS RA HEADER ASSY POWER,PRESS-FIT,2X2 POS,12MM
|
Amphenol Communications... |
10028917
|
504Kb / 2P |
R/A HEADER ASSY 2X2 AIRMAX POWER
Rev. H |
10116601
|
915Kb / 4P |
AIRMAX VSE VERTICAL HEADER SMALL PRESS-FIT,54 POS,12MM
Rev E |
10061289
|
309Kb / 2P |
R/A HEADER ASSY 2X3 POWER AIRMAX POWER
Rev. C |
10073379
|
708Kb / 3P |
R/A HEADER ASSY 2X2 AIRMAX POWER 11.5MM HEIGHT
Rev. G |
FCI connector |
10043546
|
307Kb / 5P |
AirMax VS VERT RECPT ASSY
|