Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF347 Datasheet (PDF) - Fairchild Semiconductor

LF347 Datasheet PDF - Fairchild Semiconductor
Part # LF347
Download  LF347 Download

File Size   42.95 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Operational Amplifier (JFET)

LF347 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF347 Datasheet PDF - Fairchild Semiconductor

Part # LF347
Download  LF347 Click to download

File Size   42.95 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Operational Amplifier (JFET)

LF347 Datasheet (HTML) - Fairchild Semiconductor

LF347 Datasheet HTML 1Page - Fairchild Semiconductor LF347 Datasheet HTML 2Page - Fairchild Semiconductor LF347 Datasheet HTML 3Page - Fairchild Semiconductor LF347 Datasheet HTML 4Page - Fairchild Semiconductor LF347 Datasheet HTML 5Page - Fairchild Semiconductor LF347 Datasheet HTML 6Page - Fairchild Semiconductor

LF347 Product details

Description
The LF347 is a high speed quad JFET input operational amplifier. This feature high input impedance, wide bandwidth, high slew rate, and low input offset voltage and bias current. LF347 may be used in circuits requiring high input impedance. High slew rate and wide bandwidth, low input bias current.

Features
• Low input bias current
• High input impedance
• Wide gain bandwidth: 4 MHz Typ.
• High slew rate: 13 V/µs Typ.




Similar Part No. - LF347

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LF347 MOTOROLA-LF347 Datasheet
101Kb / 4P
   FAMILY OF JFET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LF347 STMICROELECTRONICS-LF347 Datasheet
302Kb / 10P
   WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LF347 TI-LF347 Datasheet
392Kb / 10P
[Old version datasheet]   JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF347 ONSEMI-LF347 Datasheet
80Kb / 4P
   Operational Amplifiers
March, 2002 ??Rev. 1
logo
Texas Instruments
LF347-N TI1-LF347-N Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
More results


Similar Description - LF347

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KF347 FAIRCHILD-KF347 Datasheet
36Kb / 6P
   Quad Operational Amplifier (JFET)
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
   JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_07 Datasheet
313Kb / 16P
   General purpose JFET quad operational amplifier
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
TL064 STMICROELECTRONICS-TL064_07 Datasheet
248Kb / 14P
   Low power JFET quad operational amplifier
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
   Low noise JFET quad operational amplifier
logo
Texas Instruments
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
[Old version datasheet]   Quad Low Power JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
LF444 NSC-LF444 Datasheet
359Kb / 10P
   Quad Low Power JFET Input Operational Amplifier
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
   WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com