Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM311 Datasheet (PDF) - Fairchild Semiconductor

LM311 Datasheet PDF - Fairchild Semiconductor
Part # LM311
Download  LM311 Download

File Size   99.2 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Comparator

LM311 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM311 Datasheet PDF - Fairchild Semiconductor

Part # LM311
Download  LM311 Click to download

File Size   99.2 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Comparator

LM311 Datasheet (HTML) - Fairchild Semiconductor

LM311 Datasheet HTML 1Page - Fairchild Semiconductor LM311 Datasheet HTML 2Page - Fairchild Semiconductor LM311 Datasheet HTML 3Page - Fairchild Semiconductor LM311 Datasheet HTML 4Page - Fairchild Semiconductor LM311 Datasheet HTML 5Page - Fairchild Semiconductor LM311 Datasheet HTML 6Page - Fairchild Semiconductor LM311 Datasheet HTML 7Page - Fairchild Semiconductor LM311 Datasheet HTML 8Page - Fairchild Semiconductor LM311 Datasheet HTML 9Page - Fairchild Semiconductor LM311 Datasheet HTML 10Page - Fairchild Semiconductor

LM311 Product details

Description
The LM311 series is a monolithic, low input current voltage comparator. The device is also designed to operate from dual or single supply voltage.

Features
• Low input bias current : 250nA (Max)
• Low input offset current : 50nA (Max)
• Differential Input Voltage : ±30V
• Power supply voltage : single 5.0V supply to ±15V.
• Offset voltage null capability.
• Strobe capability.




Similar Part No. - LM311

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM311 NSC-LM311 Datasheet
1Mb / 23P
   Voltage Comparator
logo
Seoul Semiconductor
LM311 SEOUL-LM311 Datasheet
376Kb / 14P
   INFRARED LAMP LED
logo
Texas Instruments
LM311 TI1-LM311 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
logo
ON Semiconductor
LM311 ONSEMI-LM311 Datasheet
174Kb / 8P
   HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
Seoul Semiconductor
LM311 SEOUL-LM311 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results


Similar Description - LM311

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311_05 Datasheet
396Kb / 8P
   Single Comparator
logo
Toshiba Semiconductor
TC75S58F TOSHIBA-TC75S58F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
Samsung semiconductor
KA311 SAMSUNG-KA311 Datasheet
92Kb / 4P
   SINGLE COMPARATOR
logo
First Silicon Co., Ltd
FA393SOT FS-FA393SOT Datasheet
343Kb / 3P
   Single Comparator
logo
Toshiba Semiconductor
TC75S59F TOSHIBA-TC75S59F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
Mitsubishi Electric Sem...
M5239L MITSUBISHI-M5239L Datasheet
80Kb / 3P
   SINGLE COMPARATOR
logo
New Japan Radio
NJM2406 NJRC-NJM2406 Datasheet
155Kb / 5P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311 Datasheet
99Kb / 10P
   Single Comparator
logo
Toshiba Semiconductor
TA7523AS TOSHIBA-TA7523AS Datasheet
239Kb / 7P
   SINGLE COMPARATOR
TC75S57F TOSHIBA-TC75S57F Datasheet
252Kb / 7P
   SINGLE COMPARATOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com