Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74AS652NT Datasheet (PDF) - Fairchild Semiconductor

DM74AS652NT Datasheet PDF - Fairchild Semiconductor
Part # DM74AS652NT
Download  DM74AS652NT Download

File Size   74.65 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal Bus Transceiver and Register

DM74AS652NT Datasheet (PDF)

Go To PDF Page Download Datasheet
DM74AS652NT Datasheet PDF - Fairchild Semiconductor

Part # DM74AS652NT
Download  DM74AS652NT Click to download

File Size   74.65 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal Bus Transceiver and Register

DM74AS652NT Datasheet (HTML) - Fairchild Semiconductor

DM74AS652NT Datasheet HTML 1Page - Fairchild Semiconductor DM74AS652NT Datasheet HTML 2Page - Fairchild Semiconductor DM74AS652NT Datasheet HTML 3Page - Fairchild Semiconductor DM74AS652NT Datasheet HTML 4Page - Fairchild Semiconductor DM74AS652NT Datasheet HTML 5Page - Fairchild Semiconductor DM74AS652NT Datasheet HTML 6Page - Fairchild Semiconductor DM74AS652NT Datasheet HTML 7Page - Fairchild Semiconductor DM74AS652NT Datasheet HTML 8Page - Fairchild Semiconductor

DM74AS652NT Product details

General Description
These devices incorporate an octal transceiver and an octal D-type register configured to enable transmission of data from bus to bus or internal register to bus. The DM74AS651 offers 64-Industrial grade product guaranteeing performance from −40°C to +85°C.
These bus transceivers feature totem-pole 3-STATE outputs designed specifically for driving highly-capacitive or relatively low-impedance loads. The high-impedance state and increased high-logic-level drive provide these devices with the capability of being connected directly to and driving the bus lines in a bus-organized system without need for interface or pull-up components. They are particularly attractive for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers

Features
■ Switching specifications at 50 pF
■ Switching specifications guaranteed over full temperature and VCC range
■ Advanced oxide-isolated, ion-implanted Schottky TTL process
■ 3-STATE buffer-type outputs drive bus lines directly
■ Guaranteed performance over industrial temperature
   range (−40°C to +85°C) in 64-grade products




Similar Part No. - DM74AS652NT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS652NT FAIRCHILD-DM74AS652NT Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS652NT FAIRCHILD-DM74AS652NT Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
More results


Similar Description - DM74AS652NT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646_01 Datasheet
60Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646 Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652 FAIRCHILD-DM74ALS652 Datasheet
57Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652-01 FAIRCHILD-DM74ALS652-01 Datasheet
61Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com