Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC79M15CT Datasheet (PDF) - Fairchild Semiconductor

MC79M15CT Datasheet PDF - Fairchild Semiconductor
Part # MC79M15CT
Download  MC79M15CT Download

File Size   69.1 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.5A Negative Voltage Regulator

MC79M15CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MC79M15CT Datasheet PDF - Fairchild Semiconductor

Part # MC79M15CT
Download  MC79M15CT Click to download

File Size   69.1 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.5A Negative Voltage Regulator

MC79M15CT Datasheet (HTML) - Fairchild Semiconductor

Back Button MC79M15CT Datasheet HTML 1Page - Fairchild Semiconductor MC79M15CT Datasheet HTML 2Page - Fairchild Semiconductor MC79M15CT Datasheet HTML 3Page - Fairchild Semiconductor MC79M15CT Datasheet HTML 4Page - Fairchild Semiconductor MC79M15CT Datasheet HTML 5Page - Fairchild Semiconductor MC79M15CT Datasheet HTML 6Page - Fairchild Semiconductor MC79M15CT Datasheet HTML 7Page - Fairchild Semiconductor MC79M15CT Datasheet HTML 8Page - Fairchild Semiconductor MC79M15CT Datasheet HTML 9Page - Fairchild Semiconductor MC79M15CT Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

MC79M15CT Product details

Description
The MC79MXX series of 3-Terminal medium current negative voltage regulators are monolithic integrated circuits designed as fixed voltage regulators. These regulators employ internal current limiting, thermal shutdown and safe area compensation making them essentially indestructible.
   
Features
• No external components required
• Output current in excess of 0.5A
• Internal thermal overload
• Internal short circuit current limiting
• Output transistor safe area compensation
• Output voltages of -5V,-6V,-8V,-12V,-15V,-18Vand -24V
   




Similar Part No. - MC79M15CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79M15CT MOTOROLA-MC79M15CT Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M15CT ONSEMI-MC79M15CT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M15CTG ONSEMI-MC79M15CTG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Similar Description - MC79M15CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DXX UTC-79DXX_V01 Datasheet
319Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79M05RTF FAIRCHILD-KA79M05RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
SN79M05D KODENSHI-SN79M05D Datasheet
534Kb / 15P
   3 Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX_11 Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com