Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42821 Datasheet (PDF) - Peregrine Semiconductor

PE42821 Datasheet PDF - Peregrine Semiconductor
Part # PE42821
Download  PE42821 Download

File Size   403.1 Kbytes
Page   12 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz

PE42821 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42821 Datasheet PDF - Peregrine Semiconductor

Part # PE42821
Download  PE42821 Click to download

File Size   403.1 Kbytes
Page   12 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz

PE42821 Datasheet (HTML) - Peregrine Semiconductor

Back Button PE42821 Datasheet HTML 1Page - Peregrine Semiconductor PE42821 Datasheet HTML 2Page - Peregrine Semiconductor PE42821 Datasheet HTML 3Page - Peregrine Semiconductor PE42821 Datasheet HTML 4Page - Peregrine Semiconductor PE42821 Datasheet HTML 5Page - Peregrine Semiconductor PE42821 Datasheet HTML 6Page - Peregrine Semiconductor PE42821 Datasheet HTML 7Page - Peregrine Semiconductor PE42821 Datasheet HTML 8Page - Peregrine Semiconductor PE42821 Datasheet HTML 9Page - Peregrine Semiconductor PE42821 Datasheet HTML 10Page - Peregrine Semiconductor Next Button 



Similar Part No. - PE42821

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4282 PASTERNACK-PE4282 Datasheet
212Kb / 2P
   75 Ohm SMC Jack Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .285 inch D Hole
logo
Peregrine Semiconductor
PE42820 PSEMI-PE42820 Datasheet
3Mb / 2P
   Peregrine Enables New Approach to RF Switching in High-Power Wireless Systems
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
   UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE42822A-Z PSEMI-PE42822A-Z Datasheet
460Kb / 21P
   UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
More results


Similar Description - PE42821

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com