Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4819CS Datasheet (PDF) - Fairchild Semiconductor

ML4819CS Datasheet PDF - Fairchild Semiconductor
Part # ML4819CS
Download  ML4819CS Download

File Size   269.24 Kbytes
Page   15 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Power Factor and PWM Controller ?쏞ombo?

ML4819CS Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4819CS Datasheet PDF - Fairchild Semiconductor

Part # ML4819CS
Download  ML4819CS Click to download

File Size   269.24 Kbytes
Page   15 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Power Factor and PWM Controller ?쏞ombo?

ML4819CS Datasheet (HTML) - Fairchild Semiconductor

Back Button ML4819CS Datasheet HTML 1Page - Fairchild Semiconductor ML4819CS Datasheet HTML 2Page - Fairchild Semiconductor ML4819CS Datasheet HTML 3Page - Fairchild Semiconductor ML4819CS Datasheet HTML 4Page - Fairchild Semiconductor ML4819CS Datasheet HTML 5Page - Fairchild Semiconductor ML4819CS Datasheet HTML 6Page - Fairchild Semiconductor ML4819CS Datasheet HTML 7Page - Fairchild Semiconductor ML4819CS Datasheet HTML 8Page - Fairchild Semiconductor ML4819CS Datasheet HTML 9Page - Fairchild Semiconductor ML4819CS Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

ML4819CS Product details

GENERAL DESCRIPTION
The ML4819 is a complete boost mode Power factor Controller (PFC) which also contains a PWM controller. The PFC circuit is similar to the ML4812 while the PWM controller can be used for current or voltage mode control for a second stage converter. Since the PWM and PFC circuits share the same oscillator, synchronization of the two stages is inherent. The outputs of the controller IC provide high current (>1A peak) and high slew rate to quickly charge and discharge MOSFET gates. Special care has been taken in the design of the ML4819 to increase system noise immunity.

FEATURES
■ Two 1A peak current totem-pole output drivers
■ Precision buffered 5V reference (±1%)
■ Large oscillator amplitude for better noise immunity
■ Precision duty cycle limit for PWM section
■ Current input gain modulator improves noise immunity
■ Programmable Ramp Compensation circuit
■ Over-Voltage comparator helps prevent output “runaway”
■ Wide common mode range in current sense compensators for better noise immunity
■ Under-Voltage Lockout circuit with 6V hysteresis




Similar Part No. - ML4819CS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4819CS MICRO-LINEAR-ML4819CS Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
More results


Similar Description - ML4819CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
LT1509 LINER-LT1509 Datasheet
348Kb / 16P
   Power Factor and PWM Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
   Power Factor and PWM Controller(Voltage Mode)
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com