Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CU-120220-0313 Datasheet (PDF) - ITT Industries

CU-120220-0313 Datasheet PDF - ITT Industries
Part # CU-120220-0313
Download  CU-120220-0313 Download

File Size   357.97 Kbytes
Page   2 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description MICRO UNIVERSAL CONTACT Z 3.0MM

CU-120220-0313 Datasheet (PDF)

Go To PDF Page Download Datasheet
CU-120220-0313 Datasheet PDF - ITT Industries

Part # CU-120220-0313
Download  CU-120220-0313 Click to download

File Size   357.97 Kbytes
Page   2 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description MICRO UNIVERSAL CONTACT Z 3.0MM

CU-120220-0313 Datasheet (HTML) - ITT Industries

CU-120220-0313 Datasheet HTML 1Page - ITT Industries CU-120220-0313 Datasheet HTML 2Page - ITT Industries



Similar Part No. - CU-120220-0313

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CU-120220-0310 ITT-CU-120220-0310 Datasheet
354Kb / 2P
   MICRO UNIVERSAL CONTACT Z 1.3MM
CU-120220-0311 ITT-CU-120220-0311 Datasheet
370Kb / 2P
   MICRO UNIVERSAL CONTACT Z 1.8MM
CU-120220-0312 ITT-CU-120220-0312 Datasheet
355Kb / 2P
   MICRO UNIVERSAL CONTACT Z 2.5MM
CU-120220-0314 ITT-CU-120220-0314 Datasheet
363Kb / 2P
   MICRO UNIVERSAL CONTACT Z 3.5MM
CU-120220-0315 ITT-CU-120220-0315 Datasheet
363Kb / 2P
   MICRO UNIVERSAL CONTACT Z 4.0MM
More results


Similar Description - CU-120220-0313

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CU-120220-0311 ITT-CU-120220-0311 Datasheet
370Kb / 2P
   MICRO UNIVERSAL CONTACT Z 1.8MM
CU-120220-0314 ITT-CU-120220-0314 Datasheet
363Kb / 2P
   MICRO UNIVERSAL CONTACT Z 3.5MM
CU-120220-0312 ITT-CU-120220-0312 Datasheet
355Kb / 2P
   MICRO UNIVERSAL CONTACT Z 2.5MM
CU-120220-0315 ITT-CU-120220-0315 Datasheet
363Kb / 2P
   MICRO UNIVERSAL CONTACT Z 4.0MM
CU-120220-0310 ITT-CU-120220-0310 Datasheet
354Kb / 2P
   MICRO UNIVERSAL CONTACT Z 1.3MM
120220-0210 ITT-120220-0210 Datasheet
414Kb / 4P
   CANNON UNIVERSAL CONTACT SERIES
logo
Kycon, Inc.
KMMX KYCON-KMMX Datasheet
420Kb / 1P
   Micro Universal Serial Bus
logo
ALPS ELECTRIC CO.,LTD.
SCTA ALPS-SCTA Datasheet
461Kb / 1P
   Spring Contact(micro clip)
logo
PHOENIX CONTACT
2311399 PHOENIX-2311399 Datasheet
86Kb / 15P
   Universal module - UM-2KS50/UNI/CS/Z/SO180
logo
Fujitsu Component Limit...
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
More results




About ITT Industries


ITT Inc. (formerly ITT Industries) is an American multinational conglomerate that operates in various industries, including aerospace, defense, communications, industrial and consumer products, and transportation. The company was founded in 1920 and is headquartered in White Plains, New York.

ITT operates through several business units, including Connect and Control Technologies, Defense and Information Solutions, Industrial Process, and Motion Technologies. These units offer a broad range of products and services, including connectors, valves, switches, pumps, control systems, electronic components, communications systems, and aerospace components.

ITT's engineering team has extensive experience in developing advanced technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

ITT's products are known for their high quality, reliability, and performance. The company uses advanced technologies and materials to develop products that are efficient, durable, and cost-effective.

Overall, ITT Inc. is a trusted provider of high-quality products and services for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com