Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT164 Datasheet (PDF) - Fairchild Semiconductor

MM74HCT164 Datasheet PDF - Fairchild Semiconductor
Part # MM74HCT164
Download  MM74HCT164 Download

File Size   64.28 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Bit Serial-in/Parallel-out Shift Register

MM74HCT164 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM74HCT164 Datasheet PDF - Fairchild Semiconductor

Part # MM74HCT164
Download  MM74HCT164 Click to download

File Size   64.28 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Bit Serial-in/Parallel-out Shift Register

MM74HCT164 Datasheet (HTML) - Fairchild Semiconductor

MM74HCT164 Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT164 Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT164 Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT164 Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT164 Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT164 Datasheet HTML 6Page - Fairchild Semiconductor

MM74HCT164 Product details

General Description
The MM74HCT164 utilizes advanced silicon-gate CMOS technology. It has the high noise immunity and low consumption of standard CMOS integrated circuits. It also offers speeds comparable to low power Schottky devices.

Features
■ Typical propagation delay: 20 ns
■ Low quiescent current: 40 µA maximum (74HCT Series)
■ Low input current: 1 µA maximum
■ Fanout of 10 LS-TTL loads
■ TTL input compatible




Similar Part No. - MM74HCT164

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HCT164 ONSEMI-MM74HCT164 Datasheet
183Kb / 9P
   8-Bit Serial-in/Parallel-out Shift Register
Revised February 2002
MM74HCT164M ONSEMI-MM74HCT164M Datasheet
183Kb / 9P
   8-Bit Serial-in/Parallel-out Shift Register
Revised February 2002
MM74HCT164N ONSEMI-MM74HCT164N Datasheet
183Kb / 9P
   8-Bit Serial-in/Parallel-out Shift Register
Revised February 2002
MM74HCT164SJ ONSEMI-MM74HCT164SJ Datasheet
183Kb / 9P
   8-Bit Serial-in/Parallel-out Shift Register
Revised February 2002
More results


Similar Description - MM74HCT164

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com