Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFC15-245000-A-T Datasheet (PDF) - Abracon Corporation

ADFC15-245000-A-T Datasheet PDF - Abracon Corporation
Part # ADFC15-245000-A-T
Download  ADFC15-245000-A-T Download

File Size   834.59 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 2.45GHz Dielectric Band Pass Filter

ADFC15-245000-A-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ADFC15-245000-A-T Datasheet PDF - Abracon Corporation

Part # ADFC15-245000-A-T
Download  ADFC15-245000-A-T Click to download

File Size   834.59 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 2.45GHz Dielectric Band Pass Filter

ADFC15-245000-A-T Datasheet (HTML) - Abracon Corporation

ADFC15-245000-A-T Datasheet HTML 1Page - Abracon Corporation ADFC15-245000-A-T Datasheet HTML 2Page - Abracon Corporation



Similar Part No. - ADFC15-245000-A-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC15-2450-00-A-T ABRACON-ADFC15-2450-00-A-T Datasheet
834Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
More results


Similar Description - ADFC15-245000-A-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC18-245000-A-T ABRACON-ADFC18-245000-A-T Datasheet
803Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC15-2450-00-A-T ABRACON-ADFC15-2450-00-A-T Datasheet
834Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC18-2450.00-A-T ABRACON-ADFC18-2450.00-A-T Datasheet
803Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
logo
Johanson Technology Inc...
2450BP15N0100 JOHANSON-2450BP15N0100 Datasheet
120Kb / 2P
   2.45GHz Low Profile Band Pass Filter
2450BP08A0100 JOHANSON-2450BP08A0100 Datasheet
302Kb / 3P
   2.45GHz Mini (EIA 0504) Passive Band Pass Filter, LGA pads, SMD
logo
TAI-SAW TECHNOLOGY CO.,...
TR0001A TAI-SAW-TR0001A Datasheet
163Kb / 5P
   Dielectric Band Pass Filter 3625MHz 150MHz BW
logo
KEC(Korea Electronics)
KHB0959A01 KEC-KHB0959A01 Datasheet
34Kb / 1P
   DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB1890B01 KEC-KHB1890B01 Datasheet
34Kb / 1P
   DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB0914A01 KEC-KHB0914A01 Datasheet
34Kb / 1P
   DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB2403A01 KEC-KHB2403A01 Datasheet
34Kb / 1P
   DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com