Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5247B Datasheet (PDF) - Fairchild Semiconductor

MMSZ5247B Datasheet PDF - Fairchild Semiconductor
Part # MMSZ5247B
Download  MMSZ5247B Download

File Size   158.89 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 5% TOLERANCE

MMSZ5247B Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5247B Datasheet PDF - Fairchild Semiconductor

Part # MMSZ5247B
Download  MMSZ5247B Click to download

File Size   158.89 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 5% TOLERANCE

MMSZ5247B Datasheet (HTML) - Fairchild Semiconductor

MMSZ5247B Datasheet HTML 1Page - Fairchild Semiconductor MMSZ5247B Datasheet HTML 2Page - Fairchild Semiconductor MMSZ5247B Datasheet HTML 3Page - Fairchild Semiconductor MMSZ5247B Datasheet HTML 4Page - Fairchild Semiconductor MMSZ5247B Datasheet HTML 5Page - Fairchild Semiconductor

MMSZ5247B Product details

General Description:

Half watt, General purpose, Medium Current Surface Mount Zener in the SOD-123 package. The SOD-123 package has the same footprint as the glass mini-melf (LL-34) package & provides a convenient alternative to the Leadless package.



Features:

• Compact surface mount with same footprint as mini-melf

• 500 mW rating on FR-4 or FR-5 board.

• Class 3 ESD rating (>16 kV) per Human Body Model



Ordering:

•  7 inch reel (178 mm); 8 mm Tape; 3,000 units per reel.



 




Similar Part No. - MMSZ5247B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMSZ5247B WEITRON-MMSZ5247B Datasheet
244Kb / 5P
   Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5247B TSC-MMSZ5247B Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
logo
Fairchild Semiconductor
MMSZ5247B FAIRCHILD-MMSZ5247B Datasheet
48Kb / 3P
   Zeners
logo
CHENG-YI ELECTRONIC CO....
MMSZ5247B CHENG-YI-MMSZ5247B Datasheet
734Kb / 4P
   500mW SURFACE MOUNT ZENER DIODES
logo
Pan Jit International I...
MMSZ5247B PANJIT-MMSZ5247B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Similar Description - MMSZ5247B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMSZ5226B FAIRCHILD-MMSZ5226B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5231B FAIRCHILD-MMSZ5231B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5232B FAIRCHILD-MMSZ5232B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5236B FAIRCHILD-MMSZ5236B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5239B FAIRCHILD-MMSZ5239B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5245B FAIRCHILD-MMSZ5245B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5228B FAIRCHILD-MMSZ5228B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5238B FAIRCHILD-MMSZ5238B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5240B FAIRCHILD-MMSZ5240B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5246B FAIRCHILD-MMSZ5246B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5257B FAIRCHILD-MMSZ5257B Datasheet
158Kb / 5P
   5% TOLERANCE
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com