Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD876JR Datasheet (PDF) - Analog Devices

AD876JR Datasheet PDF - Analog Devices
Part # AD876JR
Download  AD876JR Download

File Size   338.94 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit 20 MSPS 160 mW CMOS A/D Converter

AD876JR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD876JR Datasheet PDF - Analog Devices

Part # AD876JR
Download  AD876JR Click to download

File Size   338.94 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit 20 MSPS 160 mW CMOS A/D Converter

AD876JR Datasheet (HTML) - Analog Devices

Back Button AD876JR Datasheet HTML 1Page - Analog Devices AD876JR Datasheet HTML 2Page - Analog Devices AD876JR Datasheet HTML 3Page - Analog Devices AD876JR Datasheet HTML 4Page - Analog Devices AD876JR Datasheet HTML 5Page - Analog Devices AD876JR Datasheet HTML 6Page - Analog Devices AD876JR Datasheet HTML 7Page - Analog Devices AD876JR Datasheet HTML 8Page - Analog Devices AD876JR Datasheet HTML 9Page - Analog Devices AD876JR Datasheet HTML 10Page - Analog Devices Next Button 

AD876JR Product details

PRODUCT DESCRIPTION
The AD876 is a CMOS, 160 mW, 10-bit, 20 MSPS analog-to-digital converter (ADC). The AD876 has an on-chip input sample-and-hold amplifier. By implementing a multistage pipelined architecture with output error correction logic, the AD876 offers accurate performance and guarantees no missing codes over the full operating temperature range. Force and sense connections to the reference inputs minimize external voltage drops.
   
FEATURES
    CMOS 10-Bit 20 MSPS Sampling A/D Converter
    Pin-Compatible 8-Bit Option
    Power Dissipation: 160 mW
    +5 V Single Supply Operation
    Differential Nonlinearity: 0.5 LSB
    Guaranteed No Missing Codes
    Power Down (Standby) Mode
    Three-State Outputs
    Digital I/Os Compatible with +5 V or +3.3 V Logic
    Adjustable Reference Input
    Small Size: 28-Lead SOIC, 28-Lead SSOP, or 48-Lead
        Thin Quad Flatpack (TQFP)
   




Similar Part No. - AD876JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD876JR AD-AD876JR Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876JR AD-AD876JR Datasheet
370Kb / 17P
   CMOS A/D Converter
AD876JR-8 AD-AD876JR-8 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876JR-8 AD-AD876JR-8 Datasheet
370Kb / 17P
   CMOS A/D Converter
AD876JRS AD-AD876JRS Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Similar Description - AD876JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com