Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5344BRU Datasheet (PDF) - Analog Devices

AD5344BRU Datasheet PDF - Analog Devices
Part # AD5344BRU
Download  AD5344BRU Download

File Size   384.09 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, 500 muA, Parallel Interface

AD5344BRU Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5344BRU Datasheet PDF - Analog Devices

Part # AD5344BRU
Download  AD5344BRU Click to download

File Size   384.09 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, 500 muA, Parallel Interface

AD5344BRU Datasheet (HTML) - Analog Devices

Back Button AD5344BRU Datasheet HTML 1Page - Analog Devices AD5344BRU Datasheet HTML 2Page - Analog Devices AD5344BRU Datasheet HTML 3Page - Analog Devices AD5344BRU Datasheet HTML 4Page - Analog Devices AD5344BRU Datasheet HTML 5Page - Analog Devices AD5344BRU Datasheet HTML 6Page - Analog Devices AD5344BRU Datasheet HTML 7Page - Analog Devices AD5344BRU Datasheet HTML 8Page - Analog Devices AD5344BRU Datasheet HTML 9Page - Analog Devices AD5344BRU Datasheet HTML 10Page - Analog Devices Next Button 

AD5344BRU Product details

GENERAL DESCRIPTION
The AD5334/AD5335/AD5336/AD5344 are quad 8-, 10-, and 12-bit DACs. They operate from a 2.5 V to 5.5 V supply consuming just 500 µA at 3 V, and feature a power-down mode that further reduces the current to 80 nA. These devices incorporate an on-chip output buffer that can drive the output to both supply rails.

FEATURES
    AD5334: Quad 8-Bit DAC in 24-Lead TSSOP
    AD5335: Quad 10-Bit DAC in 24-Lead TSSOP
    AD5336: Quad 10-Bit DAC in 28-Lead TSSOP
    AD5344: Quad 12-Bit DAC in 28-Lead TSSOP
    Low Power Operation: 500 μA @ 3 V, 600 μA @ 5 V
    Power-Down to 80 nA @ 3 V, 200 nA @ 5 V via PD Pin
    2.5 V to 5.5 V Power Supply
    Double-Buffered Input Logic
    Guaranteed Monotonic by Design Over All Codes
    Output Range: 0–VREF or 0–2 VREF
    Power-On Reset to Zero Volts
    Simultaneous Update of DAC Outputs via LDAC Pin
    Asynchronous CLR Facility
    Low Power Parallel Data Interface
    On-Chip Rail-to-Rail Output Buffer Amplifiers
    Temperature Range: –40°C to +105°C

APPLICATIONS
    Portable Battery-Powered Instruments
    Digital Gain and Offset Adjustment
    Programmable Voltage and Current Sources
    Programmable Attenuators
    Industrial Process Control




Similar Part No. - AD5344BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5344BRU AD-AD5344BRU Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344BRU AD-AD5344BRU Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results






About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com