Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8004AR-14 Datasheet (PDF) - Analog Devices

AD8004AR-14 Datasheet PDF - Analog Devices
Part # AD8004AR-14
Download  AD8004AR-14 Download

File Size   715.94 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 3000 V/s, 35 mW Current Feedback Amplifier

AD8004AR-14 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8004AR-14 Datasheet PDF - Analog Devices

Part # AD8004AR-14
Download  AD8004AR-14 Click to download

File Size   715.94 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 3000 V/s, 35 mW Current Feedback Amplifier

AD8004AR-14 Datasheet (HTML) - Analog Devices

Back Button AD8004AR-14 Datasheet HTML 1Page - Analog Devices AD8004AR-14 Datasheet HTML 2Page - Analog Devices AD8004AR-14 Datasheet HTML 3Page - Analog Devices AD8004AR-14 Datasheet HTML 4Page - Analog Devices AD8004AR-14 Datasheet HTML 5Page - Analog Devices AD8004AR-14 Datasheet HTML 6Page - Analog Devices AD8004AR-14 Datasheet HTML 7Page - Analog Devices AD8004AR-14 Datasheet HTML 8Page - Analog Devices AD8004AR-14 Datasheet HTML 9Page - Analog Devices AD8004AR-14 Datasheet HTML 10Page - Analog Devices Next Button 

AD8004AR-14 Product details

PRODUCT DESCRIPTION
The AD8004 is a quad, low power, high speed amplifier designed to operate on single or dual supplies. It utilizes a current feedback architecture and features high slew rate of 3000 V/µs making the AD8004 ideal for handling large amplitude pulses. Additionally, the AD8004 provides gain flatness of 0.1 dB to 30 MHz while offering differential gain and phase error of 0.04% and 0.10°. This makes the AD8004 suitable for video electronics such as cameras and video switchers.
The AD8004 offers low power of 3.5 mA/amplifier and can run on a single +4 V to +12 V power supply, while being capable of delivering up to 50 mA of load current. All this is offered in a small 14-lead plastic DIP or 14-lead SOIC package. These features make this amplifier ideal for portable and battery powered applications where size and power are critical.
The outstanding bandwidth of 250 MHz along with 3000 V/µs of slew rate make the AD8004 useful in many general purpose, high speed applications where dual power supplies of up to ±6 V and single supplies from 4 V to 12 V are needed. The AD8004 is available in the industrial temperature range of –40°C to +85°C.

FEATURES
   High Speed
      250 MHz –3 dB Bandwidth (G = +1)
      3000 V/μs Slew Rate
      21 ns Settling Time to 0.1%
      1.8 ns Rise Time for 2 V Step
   Low Power
      3.5 mA/Amp Power Supply Current (35 mW/Amp)
   Single Supply Operation
      Fully Specified for +5 V Supply
   Good Video Specifications (RL = 150 Ω, G = +2)
      Gain Flatness 0.1 dB to 30 MHz
      0.04% Differential Gain Error
      0.10° Differential Phase Error
   Low Distortion
      –78 dBc THD at 5 MHz
      –61 dBc THD at 20 MHz
   High Output Current of 50 mA
   Available in a 14-Lead Plastic DIP and SOIC

APPLICATIONS
   Image Scanners
   Active Filters
   Video Switchers
   Special Effects




Similar Part No. - AD8004AR-14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004AR-14 AD-AD8004AR-14 Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AR-14 AD-AD8004AR-14 Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14 AD-AD8004AR-14 Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14-REEL AD-AD8004AR-14-REEL Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AR-14-REEL AD-AD8004AR-14-REEL Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
More results






About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com