Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8033AR-REEL7 Datasheet (PDF) - Analog Devices

AD8033AR-REEL7 Datasheet PDF - Analog Devices
Part # AD8033AR-REEL7
Download  AD8033AR-REEL7 Download

File Size   620.87 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, 80 MHz FastFET Op Amps

AD8033AR-REEL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8033AR-REEL7 Datasheet PDF - Analog Devices

Part # AD8033AR-REEL7
Download  AD8033AR-REEL7 Click to download

File Size   620.87 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, 80 MHz FastFET Op Amps

AD8033AR-REEL7 Datasheet (HTML) - Analog Devices

Back Button AD8033AR-REEL7 Datasheet HTML 1Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8033AR-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD8033AR-REEL7 Product details

GENERAL DESCRIPTION
The AD8033/AD8034 FastFET™ amplifiers are voltage feedback amplifiers with FET inputs, offering ease of use and excellent performance. The AD8033 is a single amplifier and the AD8034 is a dual amplifier. The AD8033/AD8034 FastFET op amps in Analog Devices, Inc., proprietary XFCB process offer significant performance improvements over other low cost FET amps, such as low noise (11 nV/√Hz and 0.7 fA/√Hz) and high speed (80 MHz bandwidth and 80 V/μs slew rate).
With a wide supply voltage range from 5 V to 24 V and fully operational on a single supply, the AD8033/AD8034 amplifiers work in more applications than similarly priced FET input amplifiers. In addition, the AD8033/AD8034 have rail-to-rail outputs for added versatility.
Despite their low cost, the amplifiers provide excellent overall performance. They offer a high common-mode rejection of −100 dB, low input offset voltage of 2 mV maximum, and low noise of 11 nV/√Hz.
The AD8033/AD8034 amplifiers only draw 3.3 mA/amplifier of quiescent current while having the capability of delivering up to 40 mA of load current.
The AD8033 is available in a small package 8-lead SOIC and a small package 5-lead SC70. The AD8034 is also available in a small package 8-lead SOIC and a small package 8-lead SOT-23. They are rated to work over the industrial temperature range of −40°C to +85°C without a premium over commercial grade products.

FEATURES
  FET input amplifier
     1 pA typical input bias current
  Very low cost
  High speed
     80 MHz, −3 dB bandwidth (G = +1)
     80 V/μs slew rate (G = +2)
  Low noise
     11 nV/√Hz (f = 100 kHz)
     0.7 fA/√Hz (f = 100 kHz)
  Wide supply voltage range: 5 V to 24 V
  Low offset voltage: 1 mV typical
  Single-supply and rail-to-rail output
  High common-mode rejection ratio: −100 dB
  Low power: 3.3 mA/amplifier typical supply current
  No phase reversal
  Small packaging: 8-lead SOIC, 8-lead SOT-23, and 5-lead SC70

APPLICATIONS
  Instrumentation
  Filters
  Level shifting
  Buffering




Similar Part No. - AD8033AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8033AR-REEL7 AD-AD8033AR-REEL7 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033AR-REEL7 AD-AD8033AR-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results


Similar Description - AD8033AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com