Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV8102 Datasheet (PDF) - Fairchild Semiconductor

MV8102 Datasheet PDF - Fairchild Semiconductor
Part # MV8102
Download  MV8102 Download

File Size   232.37 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SUPER BRIGHT T-1쩐 (5mm) LED LAMPS

MV8102 Datasheet (PDF)

Go To PDF Page Download Datasheet
MV8102 Datasheet PDF - Fairchild Semiconductor

Part # MV8102
Download  MV8102 Click to download

File Size   232.37 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SUPER BRIGHT T-1쩐 (5mm) LED LAMPS

MV8102 Datasheet (HTML) - Fairchild Semiconductor

MV8102 Datasheet HTML 1Page - Fairchild Semiconductor MV8102 Datasheet HTML 2Page - Fairchild Semiconductor MV8102 Datasheet HTML 3Page - Fairchild Semiconductor MV8102 Datasheet HTML 4Page - Fairchild Semiconductor

MV8102 Product details

DESCRIPTION
These T-1¾ super bright LEDs have a narrow 20° viewing angle for concentrated light output.

FEATURES
■ Outstanding meterial efficiency
■ Popular T-1¾ package
■ Low drive current
■ Solid state reliability
■ Super high brightness suitable for outdoors applications
■ Standard 1 mil. lead spacing




Similar Part No. - MV8102

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV8102 QT-MV8102 Datasheet
209Kb / 3P
   SUPER BRIGHT T-1 3/4 (5mm) LED LAMPS
More results


Similar Description - MV8102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV8140 FAIRCHILD-MV8140 Datasheet
243Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
Marktech Corporate
MT7115A-UR MARKTECH-MT7115A-UR Datasheet
33Kb / 1P
   Ultra a Bright T-1쩐 LED Lamps
logo
List of Unclassifed Man...
L-53SG ETC-L-53SG Datasheet
418Kb / 3P
   T- 1 3/4 (5mm) SUPER BRIGHT LED LAMPS
logo
QT Optoelectronics
MV8102 QT-MV8102 Datasheet
209Kb / 3P
   SUPER BRIGHT T-1 3/4 (5mm) LED LAMPS
MV8140 QT-MV8140 Datasheet
220Kb / 3P
   SUPER BRIGHT T-1 3/4(5mm) LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Kingbright Corporation
L934LID KINGBRIGHT-L934LID Datasheet
149Kb / 5P
   T-1(3MM) SUPER BRIGHT LED LAMPS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com