Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3H510NIP0F Datasheet (PDF) - Sharp Corporation

PC3H510NIP0F Datasheet PDF - Sharp Corporation
Part # PC3H510NIP0F
Download  PC3H510NIP0F Download

File Size   187.06 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-flat Half Pitch Package, Darlington Phototransistor Output, Low Input Current Photocoupler

PC3H510NIP0F Datasheet (PDF)

Go To PDF Page Download Datasheet
PC3H510NIP0F Datasheet PDF - Sharp Corporation

Part # PC3H510NIP0F
Download  PC3H510NIP0F Click to download

File Size   187.06 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-flat Half Pitch Package, Darlington Phototransistor Output, Low Input Current Photocoupler

PC3H510NIP0F Datasheet (HTML) - Sharp Corporation

Back Button PC3H510NIP0F Datasheet HTML 1Page - Sharp Corporation PC3H510NIP0F Datasheet HTML 2Page - Sharp Corporation PC3H510NIP0F Datasheet HTML 3Page - Sharp Corporation PC3H510NIP0F Datasheet HTML 4Page - Sharp Corporation PC3H510NIP0F Datasheet HTML 5Page - Sharp Corporation PC3H510NIP0F Datasheet HTML 6Page - Sharp Corporation PC3H510NIP0F Datasheet HTML 7Page - Sharp Corporation PC3H510NIP0F Datasheet HTML 8Page - Sharp Corporation PC3H510NIP0F Datasheet HTML 9Page - Sharp Corporation PC3H510NIP0F Datasheet HTML 10Page - Sharp Corporation Next Button 

PC3H510NIP0F Product details

■ Description

PC3H510NIP0F contains a IRED optically coupled to a phototransistor. It is packaged in a 4-pin Mini-flat, Half pitch type. Input-output isolation voltage(rms) is 2.5kV. CTR is MIN. 600% at input current of 0.5mA.



■ Features

1. 4-pin Mini-flat Half pitch package (Lead pitch : 1.27mm)

2. Double transfer mold package (Ideal for Flow Soldering)

3. Low input current type (IF=0.5mA)

4. Darlington phototransistor output (CTR : MIN. 600% at IF=0.5mA, VCE=2V)

5. Isolation voltage between input and output (Viso(rms) : 2.5kV)

6. Lead-free and RoHS directive compliant



■ Applications

1. Programmable controllers

2. Facsimiles

3. Telephones



 




Similar Part No. - PC3H510NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H5 SHARP-PC3H5 Datasheet
48Kb / 4P
   High Sensitivity Type Half Pitch Photocoupler
PC3H5J00000F SHARP-PC3H5J00000F Datasheet
185Kb / 12P
   Mini-flat Half Pitch Package, Darlington Phototransistor Output Photocoupler
More results


Similar Description - PC3H510NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC365N SHARP-PC365N Datasheet
194Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC365NJ0000F SHARP-PC365NJ0000F Datasheet
233Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC3H5J00000F SHARP-PC3H5J00000F Datasheet
185Kb / 12P
   Mini-flat Half Pitch Package, Darlington Phototransistor Output Photocoupler
PC355NJ0000F SHARP-PC355NJ0000F Datasheet
230Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC355N SHARP-PC355N Datasheet
226Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
logo
Vishay Siliconix
VOS615A VISHAY-VOS615A_V01 Datasheet
156Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2022
VOS615A-3X001T VISHAY-VOS615A-3X001T Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
Rev. 1.3, 17-Apr-13
VOS618A VISHAY-VOS618A_V01 Datasheet
165Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2022
VOS615A VISHAY-VOS615A_V02 Datasheet
156Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2023
VOS618A VISHAY-VOS618A_V02 Datasheet
165Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current,SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2023
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com