Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3SF11YTZBF Datasheet (PDF) - Sharp Corporation

PC3SF11YTZBF Datasheet PDF - Sharp Corporation
Part # PC3SF11YTZBF
Download  PC3SF11YTZBF Download

File Size   295.78 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Non-zero cross type DIP 6pin Phototriac Coupler for triggering

PC3SF11YTZBF Datasheet (PDF)

Go To PDF Page Download Datasheet
PC3SF11YTZBF Datasheet PDF - Sharp Corporation

Part # PC3SF11YTZBF
Download  PC3SF11YTZBF Click to download

File Size   295.78 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Non-zero cross type DIP 6pin Phototriac Coupler for triggering

PC3SF11YTZBF Datasheet (HTML) - Sharp Corporation

Back Button PC3SF11YTZBF Datasheet HTML 1Page - Sharp Corporation PC3SF11YTZBF Datasheet HTML 2Page - Sharp Corporation PC3SF11YTZBF Datasheet HTML 3Page - Sharp Corporation PC3SF11YTZBF Datasheet HTML 4Page - Sharp Corporation PC3SF11YTZBF Datasheet HTML 5Page - Sharp Corporation PC3SF11YTZBF Datasheet HTML 6Page - Sharp Corporation PC3SF11YTZBF Datasheet HTML 7Page - Sharp Corporation PC3SF11YTZBF Datasheet HTML 8Page - Sharp Corporation PC3SF11YTZBF Datasheet HTML 9Page - Sharp Corporation PC3SF11YTZBF Datasheet HTML 10Page - Sharp Corporation Next Button 

PC3SF11YTZBF Product details

■ Description

PC3SF11YVZ Series reinforced insulation type Phototriac Coupler include an infrared emitting diode (IRED) optically coupled to an output Phototriac. These devices feature full wave control and are ideal isolated drivers for medium to high current Triacs. DIP package provides 5.0kV isolation from input to output with superior commutative noise immunity.



■ Features

1. High repetitive peak off-state voltage (VDRM : 600V)

2. Non-zero crossing functionality

3. IFT ranks available (see Model Line-up section in this datasheet)

4. 6 pin DIP package

5. Reinforced insulation type (MIN. 0.4mm internal separation)

6. Superior noise immunity (dV/dt : MIN. 1 000V/µs)

7. Lead-free components are also available (see Model Line-up section in this datasheet)

8. Double transfer mold construction (Ideal for Flow Soldering)

9. High isolation voltage between input and output (Viso(rms) : 5.0kV)



■ Applications

1. Triggering for Triacs used to switch on and off devices which require AC Loads. For example heaters, fans, motors, solenoids, and valves.

2. Triggering for Triacs used for implementing phase control in applications such as lighting control and temperature control (HVAC).

3. AC line control in power supply applications.



 




Similar Part No. - PC3SF11YTZBF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SF11YTZBF SHARP-PC3SF11YTZBF Datasheet
295Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Similar Description - PC3SF11YTZBF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC2SD11NTZAF SHARP-PC2SD11NTZAF Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11YXPCF SHARP-PC3SD11YXPCF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD11NTZBF SHARP-PC4SD11NTZBF Datasheet
327Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11NTZBF SHARP-PC3SD11NTZBF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11NXZBF SHARP-PC3SD11NXZBF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YVZBF SHARP-PC3SF11YVZBF Datasheet
295Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD12NXZAF SHARP-PC3SD12NXZAF Datasheet
326Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SF11YTZBF SHARP-PC4SF11YTZBF Datasheet
296Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NTZA SHARP-PC2SD11NTZA Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NXPAF SHARP-PC2SD11NXPAF Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com