Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC900V0NSZX Datasheet (PDF) - Sharp Corporation

PC900V0NSZX Datasheet PDF - Sharp Corporation
Part # PC900V0NSZX
Download  PC900V0NSZX Download

File Size   264.72 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler

PC900V0NSZX Datasheet (PDF)

Go To PDF Page Download Datasheet
PC900V0NSZX Datasheet PDF - Sharp Corporation

Part # PC900V0NSZX
Download  PC900V0NSZX Click to download

File Size   264.72 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler

PC900V0NSZX Datasheet (HTML) - Sharp Corporation

Back Button PC900V0NSZX Datasheet HTML 1Page - Sharp Corporation PC900V0NSZX Datasheet HTML 2Page - Sharp Corporation PC900V0NSZX Datasheet HTML 3Page - Sharp Corporation PC900V0NSZX Datasheet HTML 4Page - Sharp Corporation PC900V0NSZX Datasheet HTML 5Page - Sharp Corporation PC900V0NSZX Datasheet HTML 6Page - Sharp Corporation PC900V0NSZX Datasheet HTML 7Page - Sharp Corporation PC900V0NSZX Datasheet HTML 8Page - Sharp Corporation PC900V0NSZX Datasheet HTML 9Page - Sharp Corporation PC900V0NSZX Datasheet HTML 10Page - Sharp Corporation Next Button 

PC900V0NSZX Product details

PC900V0NSZX Series

■ Description
PC900V0NSZX Series contains an IRED optically coupled to an OPIC chip.
It is packaged in a 6 pin DIP, available in SMT gullwing lead-form and Wide SMT gullwing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.

■ Features
1. 6 pin DIP package
2. Double transfer mold package(Ideal for Flow Soldering)
3. Normal OFF operation, open collector output
4. TTL and LSTTL compatible output
5. Operating supply voltage (VCC: 3 to 15 V)
6. Isolation voltage (Viso(rms): 5.0 kV)

■Applications
1. Programmable controllers
2. PC peripherals
3. Electronic musical instruments




Similar Part No. - PC900V0NSZX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC900V0NSZX SHARP-PC900V0NSZX Datasheet
752Kb / 15P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V0NSZXF SHARP-PC900V0NSZXF Datasheet
277Kb / 16P
   Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler
More results


Similar Description - PC900V0NSZX

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC900V0NSZXF SHARP-PC900V0NSZXF Datasheet
277Kb / 16P
   Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler
PC901V0NSZXF SHARP-PC901V0NSZXF Datasheet
225Kb / 13P
   Digital Output, Normal ON Operation DIP 6 pin
PC715V0NSZXF SHARP-PC715V0NSZXF Datasheet
217Kb / 13P
   DIP 6 pin Darlington Phototransistor Output Photocoupler
PC942J00000F SHARP-PC942J00000F Datasheet
281Kb / 17P
   High Power, Gate Drive type DIP 8 pin ?뾑PIC Photocoupler
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com