Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8808NEGTZ Datasheet (PDF) - Analog Microelectronics

AME8808NEGTZ Datasheet PDF - Analog Microelectronics
Part # AME8808NEGTZ
Download  AME8808NEGTZ Download

File Size   230.27 Kbytes
Page   13 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 750mA CMOS LDO

AME8808NEGTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AME8808NEGTZ Datasheet PDF - Analog Microelectronics

Part # AME8808NEGTZ
Download  AME8808NEGTZ Click to download

File Size   230.27 Kbytes
Page   13 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 750mA CMOS LDO

AME8808NEGTZ Datasheet (HTML) - Analog Microelectronics

Back Button AME8808NEGTZ Datasheet HTML 1Page - Analog Microelectronics AME8808NEGTZ Datasheet HTML 2Page - Analog Microelectronics AME8808NEGTZ Datasheet HTML 3Page - Analog Microelectronics AME8808NEGTZ Datasheet HTML 4Page - Analog Microelectronics AME8808NEGTZ Datasheet HTML 5Page - Analog Microelectronics AME8808NEGTZ Datasheet HTML 6Page - Analog Microelectronics AME8808NEGTZ Datasheet HTML 7Page - Analog Microelectronics AME8808NEGTZ Datasheet HTML 8Page - Analog Microelectronics AME8808NEGTZ Datasheet HTML 9Page - Analog Microelectronics AME8808NEGTZ Datasheet HTML 10Page - Analog Microelectronics Next Button 

AME8808NEGTZ Product details

■ General Description
The AME8808 family of positive, linear regulators feature low quiescent current (30mA typ.) with low dropout voltage, making them ideal for battery applications. The space-saving SOT-223 and TO-252-2 packages are attractive for "Pocket" and "Hand Held" applications.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the "Worst" operating conditions.
The AME8808 is stable with an output capacitance of 2.2mF or greater.

■ Features
● Very Low Dropout Voltage
● Guaranteed 750mA Output
● Accurate to within 1.5%
● 30mA Quiescent Current
● Over-Temperature Shutdown
● Current Limiting
● Short Circuit Current Fold-back
● Space-Saving SOT-223 and TO-252-2 Packages
● Factory Pre-set Output Voltages
● Low Temperature Coefficient
● All AMEs Lead Free Products Meet RoHS Standards

■ Applications
● Instrumentation
● Portable Electronics
● Wireless Devices
● Cordless Phones
● PC Peripherals
● Battery Powered Widgets




Similar Part No. - AME8808NEGTZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8808NEGT AME-AME8808NEGT Datasheet
85Kb / 11P
   750mA CMOS LDO
More results


Similar Description - AME8808NEGTZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com