Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9059BRS Datasheet (PDF) - Analog Devices

AD9059BRS Datasheet PDF - Analog Devices
Part # AD9059BRS
Download  AD9059BRS Download

File Size   231.78 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 8-Bit, 60 MSPS A/D Converter

AD9059BRS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9059BRS Datasheet PDF - Analog Devices

Part # AD9059BRS
Download  AD9059BRS Click to download

File Size   231.78 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 8-Bit, 60 MSPS A/D Converter

AD9059BRS Datasheet (HTML) - Analog Devices

Back Button AD9059BRS Datasheet HTML 1Page - Analog Devices AD9059BRS Datasheet HTML 2Page - Analog Devices AD9059BRS Datasheet HTML 3Page - Analog Devices AD9059BRS Datasheet HTML 4Page - Analog Devices AD9059BRS Datasheet HTML 5Page - Analog Devices AD9059BRS Datasheet HTML 6Page - Analog Devices AD9059BRS Datasheet HTML 7Page - Analog Devices AD9059BRS Datasheet HTML 8Page - Analog Devices AD9059BRS Datasheet HTML 9Page - Analog Devices AD9059BRS Datasheet HTML 10Page - Analog Devices Next Button 

AD9059BRS Product details

PRODUCT DESCRIPTION
The AD9059 is a dual 8-bit monolithic analog-to-digital converter optimized for low cost, low power, small size, and ease of use. With a 60 MSPS encode rate capability and full-power analog bandwidth of 120 MHz typical, the component is ideal for applications requiring multiple ADCs with excellent dynamic performance.

FEATURES
    Dual 8-Bit ADCs on a Single Chip
    Low Power: 400 mW Typical
    On-Chip 2.5 V Reference and Track-and-Hold
    1 V p-p Analog Input Range
    Single 5 V Supply Operation
    5 V or 3 V Logic Interface
    120 MHz Analog Bandwidth
    Power-Down Mode: <12 mW

APPLICATIONS
    Digital Communications (QAM Demodulators)
    RGB and YC/Composite Video Processing
    Digital Data Storage Read Channels
    Medical Imaging
    Digital Instrumentation




Similar Part No. - AD9059BRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9059BRS AD-AD9059BRS Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059BRS AD-AD9059BRS Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
More results


Similar Description - AD9059BRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
AD9059 AD-AD9059_15 Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Fujitsu Component Limit...
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
   D/A Converter (1-ch, 8-bit, 60 MSPS)
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com